Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM62100AGH Datasheet(PDF) 38 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 38 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 34Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 35Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 36Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 37Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 38Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 39Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 40Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 41Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 42Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
32 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
7.2.7 Read Display Data
Reads an 8-bit data from the display RAM area specified by the column address and
page address. Since the column address is automatically incremented by 1 after each
write, the microprocessor can continue to read data of multiple words. A single dummy
read is required immediately after a column address setup. For details, refer to the
display RAM section of the FUNCTIONAL DESCRIPTION. When serial interface is
used, reading from the display data becomes invalid.
RS
RDB
WRB
D7
D6
D5
D4
D3
D2
D1
D0
1
0
1
Read data
7.2.8 ADC Select
Changes the relationship between the RAM column address and the segment driver.
This command specifies the order of the segment driver pads. The column address is
automatically incremented by 1 after every read or write operation is performed on the
display data.
RS RDB WRB D7
D6
D5
D4
D3
D2
D1
D0
Hex
Setting
0
1
0
1
0
1
0
0
0
0
0
A0H
Normal
1
A1H
Reverse
7.2.9 Normal/Reverse Display
This command can reverse the lit and unlit display command without overwriting the
contents of the display data RAM. After executing this command, the display data RAM
contents are maintained.
RS RDB WRB D7
D6
D5
D4
D3
D2
D1
D0 Hex
Setting
0
1
0
1
0
1
0
0
1
1
0
A6H
RAM data "H"
LCD ON voltage
(normal)
1
A7H
RAM data "L"
LCD ON voltage
(reverse)
7.2.10 Entire Display ON
This command makes it possible to force all display points ON regardless of the
contents of the display data RAM. The contents of the DISPLAY DATA RAM are
maintained after executing this command. This command has priority over the
Normal/Reverse Display command. When D is low, the normal display status is
provided.
RS RDB WRB D7
D6
D5
D4
D3
D2
D1
D0 Hex
Setting
0
1
0
1
0
1
0
0
1
1
0
A4H Normal display mode
1
A5H Display all points ON
When D0 is high, the entire display ON status is provided. If the Entire Display ON
command is executed in the display OFF status, the LCD panel enters Power saving
mode. Refer to the Power Saving section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com