Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM62100AGH Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM62100AGH
Description  65 COM / 132 SEG STN LCD Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM62100AGH Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM62100AGH Datasheet HTML 14Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 15Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 16Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 17Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 18Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 19Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 20Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 21Page - ELAN Microelectronics Corp EM62100AGH Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
EM62100
65 COM/132 SEG STN LCD Driver
12 •
•••
Product Specification (V1.1) 09.13.2005
(This specification is subject to change without further notice)
6.1.3 Serial Interface
When the EM62100 is active (CS1B=”L” and CS2=”H”), the serial data input (SI) and
the serial clock input (SCL) can be received. The serial data can be read from the SI
pin in the rising edge of the serial clocks D7, D6 through D0, in this order. This data is
converted to 8 bits parallel data in the rising edge of the 8th serial clock for processing.
The RS input is used to determine whether the serial data input is display data
(RS=”H”) or command data (RS=”L”). The RS input is read and used for detection
every 8th rising edge of the serial clock after the chip becomes active. Figure 2 is a
serial interface signal chart.
1
2
3
4
5
6
7
8
9
10
11
12
SCL
D7
D6
D4
D5
D6
D6
D0
D1
D2
D3
D4
D5
SI
CS
CS1B = "L" and CS2 = "H"
RS
Fig. 2
NOTE
1. When the chip is not active, the shift registers and counter are reset to their initial
states.
2. Reading is not possible while in serial interface mode.
3. Caution is required on the SCL signal when it comes to line-end reflections and
external noise. It is recommended that operation be rechecked on the actual
equipment.
6.1.4 Chip Select
The EM62100 has two chip select terminals: CS1B and CS2. The MPU interface or the
serial interface is enabled only when CS1B=”L” and CS2=”H”. When the chip select is
non-active D0 to D7 enter high impedance and the RS, RDB, and WRB inputs are
inactive. When the serial interface is selected, the shift register and the counter are
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com