| Electronic Components Datasheet Search |
|
EM62100AGH Datasheet(PDF) 23 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH Datasheet(HTML) 23 Page - ELAN Microelectronics Corp |
|
23 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver Product Specification (V1.1) 09.13.2005 •••• 17 (This specification is subject to change without further notice) 6.8 Display Data Latch Circuit The display data latch circuit temporarily stores the display data that is output to the LCD from the display data RAM. The commands such as display normal/reverse status, display ON/OFF status, and entire display ON/OFF, control only the data within the latch, but do not change the data within the display data RAM itself. 6.9 Oscillator Circuit This is an RC type oscillator that generates the display clock. The oscillator circuit is only enabled when M/S=”H” and CKS=”H”. When CKS=”L” the oscillation stops, and the display clock is input through the CK terminal. 6.10 Display Timing Generator Circuit This circuit generates some signals used for displaying the LCD. The display clock, CK generated by an oscillation clock, generates a clock to the line counter and a latch signal to the display data latch. The line address of the on-chip RAM is generated in synchronization with the display clock (CK) and the display data latch circuit in synchronization, latches the 132-bit display data with the display clock. The display data, which is read to the LCD driver, is completely independent of the access to the display data RAM from the microprocessor. Moreover, the display timing generator circuit generates the common timing and the liquid crystal alternating current signal (M) from the display clock. It generates a drive waveform using a 2-frame alternating current drive method, as shown in Figure 6, for the liquid crystal drive circuit. 64 65 1 2 3 4 5 64 65 1 2 3 4 5 61 62 63 V0 V1 V2 V3 V4 VSS V0 V1 V2 V3 V4 VSS V0 V1 V2 V3 V4 VSS CK M COM0 COM1 RAM data SEGn Figure 6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |