Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 192 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 192 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 188Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 189Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 190Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 191Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 192Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 193Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 194Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 195Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 196Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 192 of 280
MB91520 Series
D/A Converter
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin
Name
Condition
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
–
–
–
8
bit
Differential linearity
error
-
-
–
–
–
± 3.0
LSB
Conversion time
-
-
–
0.47
0.58
0.69
µs
CL = 20
–
2.37
2.90
3.43
µs
CL = 100
Output impedance
Ro
DA0,
DA1
–
3.1
3.8
4.5
k
Ω
Power supply current
*1
IA
AVCC
–
–
475
580
µA
Each
channel
IAH
AVCC
–
–
–
7.5
µA
When
powerdown
Each
channel
*1: The power supply current described only current value on D/A converter.
The total AVcc current value must be calculated the power supply current for D/A converter and A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com