Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 189 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 189 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 185Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 186Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 187Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 188Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 189Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 190Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 191Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 192Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 193Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 189 of 280
MB91520 Series
(2) Definition of A/D Converter Terms
Resolution
: Analog variation that is recognized by an A/D converter.
Linearity error
: Deviation of the actual conversion characteristics from a straight line that connects
the zero transiti
on point ("0000 0000 0000"← →"0000 0000 0001") to the full-scale
transition point ("1111 1111 1110"← →"1111 1111 1111").
Differential linearity
error
: Deviation of the input voltage from the ideal value that is required to change the
output code by LSB.
Linearity error of digital output N =
VNT - {1LSB × (N - 1) + VOT}
[LSB]
1LSB
Differential linearity error of digital output N =
V(N + 1) T - VNT
- 1 LSB
[LSB]
1LSB
1LSB =
VFST - VOT
[V]
4094
VOT
:
Voltage at which the digital output changes from “000H” to “001 H”.
VFST
:
Voltage at which the digital output changes from “FFE H” to “FFF H”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com