Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 166 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 166 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 162Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 163Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 164Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 165Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 166Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 167Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 168Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 169Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 170Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 166 of 280
MB91520 Series
(4-1-7) Bit setting: SMR:MD2 = 0, SMR:MD1 = 1, SMR:MD0 = 0,
When Serial chip select is used : SCSCR:CSEN = 1,
Serial clock output mark level "H" : SMR,SCSFR:SCINV = 0,
Serial chip select Inactive level "L" : SCSCR,SCSFR:CSLVL = 0
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3V±0.3V, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
SCS↑→SCK↓
setup time
tCSSI
SCK1 , SCK2,
SCK5 to SCK11
SCS1 , SCS2,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS11
-
tCSSU-50
*1
tCSSU+0
*1
ns
Internal shift
clock mode
output pin :
CL = 50 pF
SCK3 , SCK4
SCS3 ,
SCS40 to SCS43
tCSSU-50
*1
tCSSU
+300
*1
ns
SCK↑→SCS↓
hold time
tCSHI
SCK1 to SCK2,
SCK5 to SCK11
SCS1 , SCS2,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS11
tCSHD-10
*2
tCSHD+50
*2
ns
SCK3 , SCK4
SCS3 ,
SCS40 to SCS43
tCSHD-300
*2
tCSHD+50
*2
ns
SCS
deselect time
tCSDI
SCS1 to SCS3,
SCS40 to SCS43,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS11
tCSDS-50
*3
tCSDS+50
*3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com