Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 163 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 163 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 159Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 160Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 161Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 162Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 163Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 164Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 165Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 166Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 167Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 163 of 280
MB91520 Series
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
SCS↓→SCK↑
setup time
tCSSE
SCK1 to SCK11
SCS1 to SCS3,
SCS40 to SCS43,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS11
-
3tCPP+30
-
ns
External shift
clock mode
output pin:
CL = 50 pF
SCK↓→SCS↑
hold time
tCSHE
+0
-
ns
SCS
deselect time
tCSDE
SCS1 to SCS3,
SCS40 to SCS43,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS11
3tCPP+30
-
ns
SCS↓→SOT
delay time
tDSE
SCS1 , SCS2,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS11
SOT1 , SOT2,
SOT5 to SOT11
-
40
ns
SCS3,
SCS40 to SCS43
SOT3 , SOT4
-
300
ns
SCS↑→SOT
delay time
tDEE
SCS1 to SCS3,
SCS40 to SCS43,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS11
SOT1 to SOT11
-
+0
-
ns
External shift
clock mode
output pin:
CL = 50 pF
SCK↑→SCS↓
clock
switch
time
tSCC
SCK1 , SCK2,
SCK5 to SCK11
SCS1 , SCS2,
SCS50 to SCS53,
SCS60 to SCS63,
SCS70 to SCS73,
SCS8 to SCS11
-
3tCPP-10
3tCPP+50
ns
Internal shift
clock mode
Round
operation
output pin:
CL = 50 pF
SCK3 , SCK4
SCS3 ,
SCS40 to SCS43
3tCPP-300
3tCPP+50
ns
*1: tCSSU = SCSTR:CSSU7-0 × Serial chip select timing operating clock
*2: tCSHD = SCSTR:CSHD7-0 × Serial chip select timing operating clock
*3: tCSDS = SCSTR:CSDS15-0 × Serial chip select timing operating clock
Regardless of the deselect time setting, once after the serial chip select pin becomes inactive, it will take
at least five peripheral bus clock cycles to be active again
Please see the hardware manual for details of above-mentioned *1,*2, and *3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com