Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 140 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 140 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 136Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 137Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 138Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 139Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 140Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 141Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 142Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 143Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 144Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 140 of 280
MB91520 Series
AC Characteristics
(1) Main Clock Timing
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin
Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Source oscillation
clock frequency
FC
X0, X1
-
-
4
16
MHz
Source oscillation
clock cycle time
tCYL
X0, X1
62.5
250
-
ns
Internal operating
clock frequency*1
FCP
-
2
-
80
MHz
CPU clock
FCPP
1
40
Peripheral bus
clock
FCPT
1
40
External bus clock
(When VCC = 5.0 V
is used) *2
1
32
External bus clock
(When VCC = 3.3 V
is used)
Internal operating
clock cycle time*1
tCP
-
12.5
-
500
ns
CPU clock
tCPP
25
1000
Peripheral bus
clock
tCPT
25
1000
External bus clock
(When VCC = 5.0 V
is used)
31.25
1000
External bus clock
(When VCC = 3.3 V
is used)
CAN PLL jitter
(during lock)
tPJ
-
-10
-
10
ns
FCP = 80 MHz
(4 MHz Multiplied
by 20)
Built-in CR
oscillation
frequency
FCCR
-
50
100
150
kHz
*1: The maximum / minimum value is defined when using the main clock and PLL clock.
*2: Please use it with external load capacity 12 pF or less for VCC = 3.3 V ± 0.3 V (40 MHz operation).
X0,X1 clock timing
X0
tCYL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com