Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 138 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 138 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 134Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 135Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 136Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 137Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 138Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 139Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 140Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 141Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 142Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 138 of 280
MB91520 Series
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/Vcc = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Input leak
current
IIL
All input pins
VCC = AVCC = 5.5 V
VSS<VI<VCC
-5
-
5
µA
Input
capacitance 1
CIN1
Other than
VCC,VSS,
AVCC, AVSS, C
-
-
5
15
pF
Pull-up
resistance
RUP1
RSTX, NMIX
VCC = 5.0 V ± 10 %
25
-
100
k
Ω
Vcc = 3.3 V ± 0.3 V
45
-
140
RUP2
P073,074
076,077
VCC = 5.0 V ± 10 %
25
-
60
Vcc = 3.3 V ± 0.3 V
33
-
90
RUP3
Port pin other
than P035,
041,073,074,
076,077,093,
122
VCC = 5.0 V ± 10 %
25
-
100
k
Ω
Vcc = 3.3 V ± 0.3 V
45
-
140
“H” level
output voltage
VOH1
Normal output
pin
Vcc = 4.5 V
IOH = -4.0 mA
VCC
-0.5
-
VCC
V
Vcc = 3.0 V
IOH = -2.0 mA
VOH2
P073,074,076,
077
Vcc = 4.5 V
IOH = -3.0 mA
VCC
-0.5
-
VCC
V
I2C pin
output
VOH3
P103 to 106
Vcc = 4.5 V
IOH = -12.0 mA
VCC
-0.5
-
VCC
V
Vcc = 3.0 V
IOH = -8.0 mA
“L” level
output voltage
VOL1
Normal output
pin
Vcc = 4.5 V
IOL = 4.0 mA
0
-
0.4
V
Vcc = 3.0 V
IOL = 2.0 mA
VOL2
P073,074,076,
077
Vcc = 4.5 V
IOL = 3.0 mA
0
-
0.4
V
I2C pin
output
VOL3
P103 to 106
Vcc = 4.5 V
IOL = 12.0 mA
0
-
0.4
V
Vcc = 3.0 V
IOL = 8.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com