Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 111 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 111 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 107Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 108Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 109Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 110Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 111Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 112Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 113Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 114Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 115Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 111 of 280
MB91520 Series
Interrupt Factor
Interrupt Number
Interrupt
Level
Offset
Default
Address for
TBR
RN
Decimal
Hexa
Decimal
Clock calibration unit (sub oscillation)
47
2F
ICR31
340H
000FFF40H
31*1,*4
Multi-function serial interface
ch.9 (reception completed)
Multi-function serial interface
ch.9 (status)
A/D converter
0/1/7/10/11/14/15/16/17/22/27/28/31
48
30
ICR32
33CH
000FFF3CH
32
Clock calibration unit (CR oscillation)
49
31
ICR33
338H
000FFF38H
33
Multi-function serial interface
ch.9 (transmission completed)
16-bit OCU 0 (match) / 16-bit OCU 1 (match)
32-bit Free-run timer 4
50
32
ICR34
334H
000FFF34H
34*5
16-bit OCU 2 (match) / 16-bit OCU 3 (match)
16-bit OCU 4 (match) / 16-bit OCU 5 (match)
51
33
ICR35
330H
000FFF30H
35
32-bit ICU6 (fetching/measurement)
52
34
ICR36
32CH
000FFF2CH
36*1
Multi-function serial interface
ch.10 (reception completed)
Multi-function serial interface
ch.10 (status)
Multi-function serial interface
ch.10 (transmission completed)
53
35
ICR37
328H
000FFF28H
37
32-bit ICU8 (fetching/measurement)
54
36
ICR38
324H
000FFF24H
38*1
Multi-function serial interface
ch.11 (reception completed)
Multi-function serial interface
ch.11 (status)
32-bit ICU9 (fetching/measurement)
55
37
ICR39
320H
000FFF20H
39
WG dead timer underflow 0 / 1/ 2
WG dead timer reload 0 / 1/ 2
WG DTTI 0
32-bit ICU4 (fetching/measurement)
56
38
ICR40
31CH
000FFF1CH
40
Multi-function serial interface
ch.11 (transmission completed)
32-bit ICU5 (fetching/measurement)
57
39
ICR41
318H
000FFF18H
41
A/D converter
32/34/35/37/38/40/41/42/43/44/45/46/47
32-bit OCU7/11 (match)
58
3A
ICR42
314H
000FFF14H
42
32-bit OCU8/9 (match)
59
3B
ICR43
310H
000FFF10H
43
-
60
3C
ICR44
30CH
000FFF0CH
-*6
-
61
3D
ICR45
308H
000FFF08H
-
-
DMAC0/1/2/3/4/5/6/7/8/9/10/11/12/13/14/15
62
3E
ICR46
304H
000FFF04H
-
Delay interrupt
63
3F
ICR47
300H
000FFF00H
-
System reserved
(Used for REALOSTM*8)
64
40
-
2FCH
000FFEFCH
-
System reserved
(Used for REALOS)
65
41
-
2F8H
000FFEF8H
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com