Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 110 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 110 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 106Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 107Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 108Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 109Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 110Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 111Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 112Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 113Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 114Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 110 of 280
MB91520 Series
Interrupt Factor
Interrupt Number
Interrupt
Level
Offset
Default
Address for
TBR
RN
Decimal
Hexa
Decimal
Multi-function serial interface
ch.4 (reception completed)
28
1C
ICR12
38CH
000FFF8CH
12*1
Multi-function serial interface
ch.4 (status)
Multi-function serial interface
ch.4 (transmission completed)
29
1D
ICR13
388H
000FFF88H
13
Multi-function serial interface
ch.5 (reception completed)
30
1E
ICR14
384H
000FFF84H
14*1
Multi-function serial interface
ch.5 (status)
Multi-function serial interface
ch.5 (transmission completed)
31
1F
ICR15
380H
000FFF80H
15
Multi-function serial interface
ch.6 (reception completed)
32
20
ICR16
37CH
000FFF7CH
16*1
Multi-function serial interface
ch.6 (status)
Multi-function serial interface
ch.6 (transmission completed)
33
21
ICR17
378H
000FFF78H
17
CAN0
34
22
ICR18
374H
000FFF74H
-
CAN1
35
23
ICR19
370H
000FFF70H
-
RAM diagnosis end
RAM initialization completion
Error generation during RAM diagnosis
Backup RAM diagnosis end
Backup RAM initialization completion
Error generation during Backup RAM diagnosis
CAN2
36
24
ICR20
36CH
000FFF6CH
-
Up/down counter 0
Up/down counter 1
Real time clock
37
25
ICR21
368H
000FFF68H
-
-
38
26
ICR22
364H
000FFF64H
-*6
16-bit Free-run timer 0 (0 detection) /
(compare clear)
39
27
ICR23
360H
000FFF60H
23
PPG 1/10/11/20/30/31
40
28
ICR24
35CH
000FFF5CH
24*3
16-bit Free-run timer 1 (0 detection) /
(compare clear)
PPG 2/3/12/13/23/43
41
29
ICR25
358H
000FFF58H
25*3
16-bit Free-run timer 2 (0 detection) /
(compare clear)
PPG 4/24/35
42
2A
ICR26
354H
000FFF54H
26*3
PPG 7/16/17/27/37
43
2B
ICR27
350H
000FFF50H
27*3
PPG 19
44
2C
ICR28
34CH
000FFF4CH
28*3
16-bit ICU 0 (fetching) / 16-bit ICU 1 (fetching)
45
2D
ICR29
348H
000FFF48H
29
Main timer
46
2E
ICR30
344H
000FFF44H
30
Sub timer
PLL timer
16-bit ICU 2 (fetching) /16-bit ICU 3 (fetching)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com