Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRC Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS62320DRC
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRC Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS62320DRC Datasheet HTML 18Page - Texas Instruments TPS62320DRC Datasheet HTML 19Page - Texas Instruments TPS62320DRC Datasheet HTML 20Page - Texas Instruments TPS62320DRC Datasheet HTML 21Page - Texas Instruments TPS62320DRC Datasheet HTML 22Page - Texas Instruments TPS62320DRC Datasheet HTML 23Page - Texas Instruments TPS62320DRC Datasheet HTML 24Page - Texas Instruments TPS62320DRC Datasheet HTML 25Page - Texas Instruments TPS62320DRC Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
www.ti.com
APPLICATION EXAMPLES
VIN
VOUT
TPS62303YZD
L1
ADJ
C
IN
VOUT
1.8 V / 500 mA
2.7 V − 6 V
C
1
V IN
SW
EN
MODE/SYNC
FB
A2
B2
C1
D1
B1
C2
D2
GND
A1
VIN
SW
TPS62304YZD
L 2
ADJ
V
OUT
1.2 V / 500 mA
C 2
VOUT
EN
MODE/SYNC
FB
A2
B2
C1
B1
D1
C2
D2
GND
A1
1G08
10
µF
10
µF
10
µF
Low: None Synchronized Operation
PFM/PWM Automatic Switch
High: Synchronized Operation
Forced 3 MHz Fixed Frequency Operation
List of Components:
L1, L2 = Taiyo Yuden LQ CB2016
CIN, C1, C2, = X5R/X7R Ceramic Capacitor
Ch1: SW (1.8-V Output), Ch2: IL1
Ch3: SW (1.2-V Output), Ch4: IL2
Ch1
Ch3
Ch2
Ch4
VIN
VOUT
TPS62300YZD
L1
ADJ
1.8 V / 500 mA
C
1
SW
EN
MODE/SYNC
FB
A2
B2
C1
D1
B1
C2
D2
GND
A1
Fast Start−Up LDO
VIN
VOUT
GND
EN
EN
10
µF
1
µH
10
µF
C
IN
2.7 V . . 6 V
V IN
22 nF
2.2 M
Ω
10 k
Ω
List of Components:
L1 = Taiyo Yuden LQ CB2016
CIN, C1 = X5R/X7R Ceramic Capacitor
Ch1: VO
Ch3: Inductor Current: IL1
Ch3: EN − External Control Signal
VI = 2.8 V,
RL = 10 W
VO
EN
IL1
VOUT(LDO) = 0.98 x VOUT(NOM)
VOUT
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
Figure 37. Dual, Out-of-Phase, 3-MHz, 500-mA Step-Down Regulator
Features Less Than 50-mm2 Total Solution Size
Figure 38. Speed-Up Circuitry for Fast Turnon Time
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com