Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRC Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS62320DRC
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRC Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62320DRC Datasheet HTML 17Page - Texas Instruments TPS62320DRC Datasheet HTML 18Page - Texas Instruments TPS62320DRC Datasheet HTML 19Page - Texas Instruments TPS62320DRC Datasheet HTML 20Page - Texas Instruments TPS62320DRC Datasheet HTML 21Page - Texas Instruments TPS62320DRC Datasheet HTML 22Page - Texas Instruments TPS62320DRC Datasheet HTML 23Page - Texas Instruments TPS62320DRC Datasheet HTML 24Page - Texas Instruments TPS62320DRC Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
THERMAL INFORMATION
P
D(MAX)
+
T
J(MAX)
* T
A
R
q
JA
+ 125°C * 85°C
250
°C W
+ 160 mW
(6)
CHIP SCALE PACKAGE DIMENSIONS
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependant issues such as thermal coupling, airflow, added
heat sinks, and convection surfaces, and the presence of other heat-generating components, affect the
power-dissipation limits of a given component
Three basic approaches for enhancing thermal performance are listed below:
Improving the power dissipation capability of the PCB design
Improving the thermal coupling of the component to the PCB
Introducing airflow in the system
The maximum recommended junction temperature (TJ) of the TPS6230x, TPS6231x, and TPS6232x devices is
125
°C. The thermal resistance of the 8-pin CSP package (YZD and YED) is Rθ
JA = 250°C/W. Specified regulator
operation is assured to a maximum ambient temperature TA of 85°C. Therefore, the maximum power dissipation
is about 160 mW. More power can be dissipated if the maximum ambient temperature of the application is lower
or if the PowerPAD™ package (DRC) is used.
The TPS6230x, TPS6231x, and TPS6232x are also available in an 8-bump chip scale package (YZD,
NanoFree™ and YED, NanoStar™). The package dimensions are given as:
D = 1.970
±0.05 mm
E = 0.970
±0.05 mm
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com