Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRC Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62320DRC
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRC Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62320DRC Datasheet HTML 4Page - Texas Instruments TPS62320DRC Datasheet HTML 5Page - Texas Instruments TPS62320DRC Datasheet HTML 6Page - Texas Instruments TPS62320DRC Datasheet HTML 7Page - Texas Instruments TPS62320DRC Datasheet HTML 8Page - Texas Instruments TPS62320DRC Datasheet HTML 9Page - Texas Instruments TPS62320DRC Datasheet HTML 10Page - Texas Instruments TPS62320DRC Datasheet HTML 11Page - Texas Instruments TPS62320DRC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
IO − Load Current − mA
PWM Operation
L = 2.2 mH
PFM/PWM Operation
L = 2.2 mH
VI = 3.6 V,
VO = 1.2 V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO − Load Current − mA
VI = 5 V,
VO = 3.3 V
PFM/PWM Operation
L = 2.2 mH
PWM Operation
L = 0.9 mH
t − Time − 100 ms/div
VO = 1.6 V
L = 0.9 mH, CO = 10 mF
0
10
20
30
40
50
60
70
80
90
100
2.7 3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6
IO = 100 mA
IO = 400 mA
IO = 10 mA
IO = 1 mA
VI − Input Voltage − V
PFM/PWM Operation
VO = 1.8 V
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
EFFICIENCY
vs
INPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 7.
Figure 8.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com