Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRC Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS62320DRC
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRC Datasheet(HTML) 2 Page - Texas Instruments

  TPS62320DRC Datasheet HTML 1Page - Texas Instruments TPS62320DRC Datasheet HTML 2Page - Texas Instruments TPS62320DRC Datasheet HTML 3Page - Texas Instruments TPS62320DRC Datasheet HTML 4Page - Texas Instruments TPS62320DRC Datasheet HTML 5Page - Texas Instruments TPS62320DRC Datasheet HTML 6Page - Texas Instruments TPS62320DRC Datasheet HTML 7Page - Texas Instruments TPS62320DRC Datasheet HTML 8Page - Texas Instruments TPS62320DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
ORDERING INFORMATION
PART
OUTPUT
UNDERVOLTAGE
PACKAGE
TA
PACKAGE
ORDERING(1)(2)
NUMBER
VOLTAGE
LOCKOUT
MARKING
2.4 V
QFN-10
TPS62300DRC
AMN
TPS62300
Adjustable
2.4 V
CSP-8 (lead-free)
TPS62300YZD
N/A
2.4 V
QFN-10
TPS62301DRC
AMO
TPS62301
1.5 V
2.4 V
CSP-8 (lead-free)
TPS62301YZD
N/A
2.4 V
QFN-10
TPS62302DRC
AMQ
TPS62302
1.6 V
2.4 V
CSP-8 (lead-free)
TPS62302YZD
N/A
2.4 V
QFN-10
TPS62303DRC
AMR
TPS62303
1.8 V
2.4 V
CSP-8 (lead-free)
TPS62303YZD
N/A
2.4 V
QFN-10
TPS62305DRC
ANU
-40
°C to 85°C
TPS62305
1.875 V
2.4 V
CSP-8 (lead-free)
TPS62305YZD
N/A
TPS62311
1.5 V
2 V
CSP-8 (lead-free)
TPS62311YZD
N/A
TPS62313
1.8 V
2 V
CSP-8 (lead-free)
TPS62313YZD
N/A
2.4 V
QFN-10
TPS62320DRC
AMX
TPS62320
Adjustable
2.4 V
CSP-8 (lead-free)
TPS62320YZD
N/A
2.4 V
CSP-8
TPS62320YED
N/A
2.4 V
QFN-10
TPS62321DRC
AMY
TPS62321
1.5 V
2.4 V
CSP-8 (lead-free)
TPS62321YZD
N/A
2.4 V
CSP-8
TPS62321YED
N/A
(1)
The YZD and YED packages are available in tape and reel. Add a R suffix (TPS62300YxDR) to order quantities of 3000 parts. Add a T
suffix (TPS62300YxDT) to order quantities of 250 parts. The DRC package is available in tape and reel. Add a R suffix
(TPS62300DRCR) to order quantities of 3000 parts.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Voltage at VIN, AVIN(2)
-0.3 V to 7 V
Voltage at SW (2)
-0.3 V to 7 V
VI
Voltage at FB, ADJ
-0.3V to 3.6 V
Voltage at EN, MODE/SYNC (2)
-0.3 V to VI + 0.3 V
Voltage at VOUT(2)
0.3 V to 5.4 V
IO
Continuous output current
500 mA
Power dissipation
Internally limited
TA
Operating temperature range
-40
°C to 85°C
TJ (max) Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com