Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRC Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS62320DRC
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRC Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS62320DRC Datasheet HTML 16Page - Texas Instruments TPS62320DRC Datasheet HTML 17Page - Texas Instruments TPS62320DRC Datasheet HTML 18Page - Texas Instruments TPS62320DRC Datasheet HTML 19Page - Texas Instruments TPS62320DRC Datasheet HTML 20Page - Texas Instruments TPS62320DRC Datasheet HTML 21Page - Texas Instruments TPS62320DRC Datasheet HTML 22Page - Texas Instruments TPS62320DRC Datasheet HTML 23Page - Texas Instruments TPS62320DRC Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
www.ti.com
LAYOUT CONSIDERATIONS
AVIN
VIN
SW
TPS62300
L1
ADJ
PGND
AGND
VOUT
R1
R2
EN
MODE/SYNC FB
1
2
3
8
7
10
6
4
5
9
VI
C1
C2
VO
GND
MODE / SYNC
VO sense signal
EN
VI
GND
VO
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
As for all switching power supplies, the layout is an important step in the design. High-speed operation of the
TPS6230x, TPS6231x, and TPS6232x devices demand careful attention to PCB layout. Care must be taken in
board layout to get the specified performance. If the layout is not carefully done, the regulator could show poor
line and/or load regulation, stability issues as well as EMI problems. It is critical to provide a low inductance,
impedance ground path. Therefore, use wide and short traces for the main current paths as indicated in bold on
Figure 34.
The input capacitor should be placed as close as possible to the IC pins as well as the inductor and output
capacitor. Use a common ground node for power ground and a different one for control ground (AGND) to
minimize the effects of ground noise. Connect these ground nodes together (star point) underneath the IC and
make sure that small signal components returning to the AGND pin do not share the high current path of C1 and
C2.
The output voltage sense line (VOUT) should be connected right to the output capacitor and routed away from
noisy components and traces (e.g., SW line). Its trace should be minimized and shielded by a guard-ring
connected to the reference ground. The voltage setting resistive divider should be placed as close as possible to
the AGND pin of the IC.
Figure 34. Layout Diagram
Figure 36. Suggested QFN Layout (Bottom)
Figure 35. Suggested QFN Layout (Top)
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com