Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRC Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS62320DRC
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRC Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS62320DRC Datasheet HTML 10Page - Texas Instruments TPS62320DRC Datasheet HTML 11Page - Texas Instruments TPS62320DRC Datasheet HTML 12Page - Texas Instruments TPS62320DRC Datasheet HTML 13Page - Texas Instruments TPS62320DRC Datasheet HTML 14Page - Texas Instruments TPS62320DRC Datasheet HTML 15Page - Texas Instruments TPS62320DRC Datasheet HTML 16Page - Texas Instruments TPS62320DRC Datasheet HTML 17Page - Texas Instruments TPS62320DRC Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
www.ti.com
L = 0.9 mH, CO = 10 mF
VI = 3.6 V,
VO = 1.5 V,
IO = 0 mA
t − Time − 400 ms/div
L = 2.2 mH, CO = 4.7 mF,
VI = 3.6 V,
VO = 1.6 V,
IO = 320 mA
t − Time − 50 ms/div
DETAILED DESCRIPTION
OPERATION
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
START-UP
POWER DOWN (TPS62321)
Figure 29.
Figure 30.
The TPS6230x, TPS6231x, and TPS6232x are synchronous step-down converters typically operating with a
3-MHz fixed frequency pulse width modulation (PWM) at moderate to heavy load currents. At light load currents,
the converter operates in power-save mode with pulse frequency modulation (PFM). The operating frequency is
set to 3 MHz and can be synchronized on-the-fly to an external oscillator.
During PWM operation, the converter uses a unique fast response, voltage mode, controller scheme with input
voltage feed-forward. This achieves best-in-class load and line response and allows the use of tiny inductors and
small ceramic input and output capacitors. At the beginning of each switching cycle, the P-channel MOSFET
switch is turned on and the inductor current ramps up until the comparator trips and the control logic turns off the
switch.
The device integrates two current limits, one in the P-channel MOSFET and another one in the N-channel
MOSFET. When the current in the P-channel MOSFET reaches its current limit, the P-channel MOSFET is
turned off and the N-channel MOSFET is turned on. When the current in the N-channel MOSFET is above the
N-MOS current limit threshold, the N-channel MOSFET remains on until the current drops below its current limit.
The current limit in the N-channel MOSFET is important for small duty-cycle operation when the current in the
inductor does not decrease because of the P-channel MOSFET current limit delay, or because of start-up
conditions where the output voltage is low.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com