Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRC Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62320DRC
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRC Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62320DRC Datasheet HTML 9Page - Texas Instruments TPS62320DRC Datasheet HTML 10Page - Texas Instruments TPS62320DRC Datasheet HTML 11Page - Texas Instruments TPS62320DRC Datasheet HTML 12Page - Texas Instruments TPS62320DRC Datasheet HTML 13Page - Texas Instruments TPS62320DRC Datasheet HTML 14Page - Texas Instruments TPS62320DRC Datasheet HTML 15Page - Texas Instruments TPS62320DRC Datasheet HTML 16Page - Texas Instruments TPS62320DRC Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
t − Time − 20 ms/div
L = 0.9 mH, CO = 10 mF,
MODE/SYNC = LOW
VI = 3.6 V,
VO = 1 V / 1.5 V
VO = 1.5 V
V(ADJ) = 1 V
VO = 1 V
RL = 270 W
V(ADJ) = 0.67 V
t − Time − 2 ms/div
IO = 40 mA
L = 0.9 mH, CO = 10 mF
VI = 3.6 V, VO = 1.6 V
L = 0.9 mH, CO = 10 mF,
MODE/SYNC = HIGH
VI = 3.6 V,
VO = 1 V / 1.5 V
VO = 1.5 V
V(ADJ) = 1 V
VO = 1 V
RL = 5 W
t − Time − 20 ms/div
V(ADJ) = 0.67 V
L = 2.2 mH, CO = 4.7 mF,
VI = 3.6 V,
VO = 1.6 V,
IO = 0 mA
t − Time − 50 ms/div
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
POWER-SAVE MODE OPERATION
DYNAMIC VOLTAGE MANAGEMENT
Figure 25.
Figure 26.
DYNAMIC VOLTAGE MANAGEMENT
START-UP
Figure 27.
Figure 28.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com