Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/ML Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16F72T/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/ML Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16F72T/ML Datasheet HTML 14Page - Microchip Technology PIC16F72T/ML Datasheet HTML 15Page - Microchip Technology PIC16F72T/ML Datasheet HTML 16Page - Microchip Technology PIC16F72T/ML Datasheet HTML 17Page - Microchip Technology PIC16F72T/ML Datasheet HTML 18Page - Microchip Technology PIC16F72T/ML Datasheet HTML 19Page - Microchip Technology PIC16F72T/ML Datasheet HTML 20Page - Microchip Technology PIC16F72T/ML Datasheet HTML 21Page - Microchip Technology PIC16F72T/ML Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
PIC16F72
DS39597B-page 16
 2002 Microchip Technology Inc.
2.2.2.5
PIR1 Register
This register contains the individual flag bits for the
Peripheral interrupts.
REGISTER 2-5:
PIR1: PERIPHERAL INTERRUPT FLAG REGISTER 1 (ADDRESS 0Ch)
U-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
ADIF
—
—
SSPIF
CCP1IF
TMR2IF
TMR1IF
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
ADIF: A/D Converter Interrupt Flag bit
1
= An A/D conversion completed
0
= The A/D conversion is not complete
bit 5-4
Unimplemented: Read as ‘0’
bit 3
SSPIF: Synchronous Serial Port (SSP) Interrupt Flag bit
1
= The SSP interrupt condition has occurred, and must be cleared in software before returning
from the Interrupt Service Routine.
The conditions that will set this bit are a transmission/reception has taken place.
0
= No SSP interrupt condition has occurred
bit 2
CCP1IF: CCP1 Interrupt Flag bit
Capture mode:
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare mode:
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode:
Unused in this mode
bit 1
TMR2IF: TMR2 to PR2 Match Interrupt Flag bit
1
= TMR2 to PR2 match occurred (must be cleared in software)
0
= No TMR2 to PR2 match occurred
bit 0
TMR1IF: TMR1 Overflow Interrupt Flag bit
1
= TMR1 register overflowed (must be cleared in software)
0
= TMR1 register did not overflow
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com