Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/ML Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F72T/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/ML Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F72T/ML Datasheet HTML 7Page - Microchip Technology PIC16F72T/ML Datasheet HTML 8Page - Microchip Technology PIC16F72T/ML Datasheet HTML 9Page - Microchip Technology PIC16F72T/ML Datasheet HTML 10Page - Microchip Technology PIC16F72T/ML Datasheet HTML 11Page - Microchip Technology PIC16F72T/ML Datasheet HTML 12Page - Microchip Technology PIC16F72T/ML Datasheet HTML 13Page - Microchip Technology PIC16F72T/ML Datasheet HTML 14Page - Microchip Technology PIC16F72T/ML Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 9
PIC16F72
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral modules for controlling the
desired operation of the device. These registers are
implemented as static RAM. A list of these registers is
given in Table 2-1.
The Special Function Registers can be classified into
two sets: core (CPU) and peripheral. Those registers
associated with the core functions are described in
detail in this section. Those related to the operation of
the peripheral features are described in detail in the
peripheral feature section.
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Bank 0
00h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000
19
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
29,13
02h(1)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
18
03h(1)
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
12
04h(1)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
19
05h
PORTA
—
—
PORTA Data Latch when written: PORTA pins when read
--0x 0000
21
06h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
23
07h
PORTC
PORTC Data Latch when written: PORTC pins when read
xxxx xxxx
25
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah(1,2)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
18
0Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
14
0Ch
PIR1
—
ADIF
—
—
SSPIF
CCP1IF
TMR2IF
TMR1IF
-0-- 0000
16
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
31
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
31
10h
T1CON
—
—
T1CKPS1
T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON
--00 0000
31
11h
TMR2
Timer2 Module’s Register
0000 0000
35
12h
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON
T2CKPS1
T2CKPS0 -000 0000
36
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
43,48
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
45
15h
CCPR1L
Capture/Compare/PWM Register (LSB)
xxxx xxxx
38,39,41
16h
CCPR1H
Capture/Compare/PWM Register (MSB)
xxxx xxxx
38,39,41
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
37
18h-1Dh
—
Unimplemented
—
—
1Eh
ADRES
A/D Result Register
xxxx xxxx
53
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—
ADON
0000 00-0
53
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
These registers can be addressed from any bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
3:
This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com