Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/ML Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16F72T/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/ML Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16F72T/ML Datasheet HTML 53Page - Microchip Technology PIC16F72T/ML Datasheet HTML 54Page - Microchip Technology PIC16F72T/ML Datasheet HTML 55Page - Microchip Technology PIC16F72T/ML Datasheet HTML 56Page - Microchip Technology PIC16F72T/ML Datasheet HTML 57Page - Microchip Technology PIC16F72T/ML Datasheet HTML 58Page - Microchip Technology PIC16F72T/ML Datasheet HTML 59Page - Microchip Technology PIC16F72T/ML Datasheet HTML 60Page - Microchip Technology PIC16F72T/ML Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 55
PIC16F72
FIGURE 10-1:
A/D BLOCK DIAGRAM
FIGURE 10-2:
ANALOG INPUT MODEL
(Input Voltage)
VAIN
VREF
(Reference
Voltage)
VDD
PCFG2:PCFG0
CHS2:CHS0
000
or
010
or
100
001
or
011
or
101
RA5/AN4
RA3/AN3/VREF
RA2/AN2
RA1/AN1
RA0/AN0
100
011
010
001
000
A/D
Converter
CPIN
VA
Rs
ANx
5 pF
VDD
VT = 0.6 V
VT = 0.6 V
I leakage
RIC
≤ 1 k
Sampling
Switch
SS
RSS
CHOLD
= DAC capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
( k
Ω )
VDD
= 51.2 pF
± 500 nA
Legend: CPIN
VT
I leakage
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com