Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/ML Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F72T/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/ML Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F72T/ML Datasheet HTML 87Page - Microchip Technology PIC16F72T/ML Datasheet HTML 88Page - Microchip Technology PIC16F72T/ML Datasheet HTML 89Page - Microchip Technology PIC16F72T/ML Datasheet HTML 90Page - Microchip Technology PIC16F72T/ML Datasheet HTML 91Page - Microchip Technology PIC16F72T/ML Datasheet HTML 92Page - Microchip Technology PIC16F72T/ML Datasheet HTML 93Page - Microchip Technology PIC16F72T/ML Datasheet HTML 94Page - Microchip Technology PIC16F72T/ML Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 89
PIC16F72
14.1
DC Characteristics: PIC16F72 (Industrial, Extended)
PIC16LF72 (Industrial)
PIC16LF72
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
PIC16F72
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
VDD
Supply Voltage
D001
PIC16LF72
2.0
2.5
2.2
—
—
—
5.5
5.5
5.5
V
V
V
A/D not used, -40°C to +85°C
A/D in use, -40°C to +85°C
A/D in use, 0°C to +85°C
D001
D001A
PIC16F72
4.0
VBOR*
—
—
5.5
5.5
V
V
All configurations
BOR enabled (Note 7)
D002*
VDR
RAM Data Retention
Voltage (Note 1)
—
1.5
—
V
D003
VPOR
VDD Start Voltage to
ensure internal Power-on
Reset signal
—
VSS
—
V
See section on Power-on Reset for details
D004*
SVDD
VDD Rise Rate to ensure
internal Power-on Reset
signal
0.05
——
V/ms See section on Power-on Reset for details
D005
VBOR
Brown-out Reset Voltage
3.65
4.0
4.35
V
BOREN bit in configuration word enabled
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an
impact on the current consumption. The test conditions for all IDD measurements in active Operation mode
are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
5: Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from
characterization and is for design guidance only. This is not tested.
6: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.
7: When BOR is enabled, the device will operate correctly until the VBOR voltage trip point is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com