Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/ML Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F72T/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/ML Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F72T/ML Datasheet HTML 93Page - Microchip Technology PIC16F72T/ML Datasheet HTML 94Page - Microchip Technology PIC16F72T/ML Datasheet HTML 95Page - Microchip Technology PIC16F72T/ML Datasheet HTML 96Page - Microchip Technology PIC16F72T/ML Datasheet HTML 97Page - Microchip Technology PIC16F72T/ML Datasheet HTML 98Page - Microchip Technology PIC16F72T/ML Datasheet HTML 99Page - Microchip Technology PIC16F72T/ML Datasheet HTML 100Page - Microchip Technology PIC16F72T/ML Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 95
PIC16F72
FIGURE 14-5:
CLKO AND I/O TIMING
TABLE 14-2:
CLKO AND I/O TIMING REQUIREMENTS
Note: Refer to Figure 14-3 for load conditions.
OSC1
CLKO
I/O Pin
(Input)
I/O Pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
10*
TosH2ckL
OSC1
↑ to CLKO↓
—
75
200
ns
(Note 1)
11*
TosH2ckH
OSC1
↑ to CLKO↑
—
75
200
ns
(Note 1)
12*
TckR
CLKO rise time
—
35
100
ns
(Note 1)
13*
TckF
CLKO fall time
—
35
100
ns
(Note 1)
14*
TckL2ioV
CLKO
↓ to Port out valid
——
0.5 TCY + 20
ns
(Note 1)
15*
TioV2ckH
Port in valid before CLKO
↑
TOSC + 200
——
ns
(Note 1)
16*
TckH2ioI
Port in hold after CLKO
↑
0
——
ns
(Note 1)
17*
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid
—
100
255
ns
18*
TosH2ioI
OSC1
↑ (Q2 cycle) to
Port input invalid (I/O in
hold time)
Standard (F)100
——
ns
Extended (LF)200
——
ns
19*
TioV2osH
Port input valid to OSC1
↑ (I/O in setup time)
0
——
ns
20*
TioR
Port output rise time
Standard (F)
—
10
40
ns
Extended (LF)
——
145
ns
21*
TioF
Port output fall time
Standard (F)
—
10
40
ns
Extended (LF)
——
145
ns
22††*TINP
INT pin high or low time
TCY
——
ns
23††*TRBP
RB7:RB4 change INT high or low time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
†† These parameters are asynchronous events, not related to any internal clock edges.
Note
1: Measurements are taken in RC mode, where CLKO output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com