Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/ML Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16F72T/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/ML Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16F72T/ML Datasheet HTML 89Page - Microchip Technology PIC16F72T/ML Datasheet HTML 90Page - Microchip Technology PIC16F72T/ML Datasheet HTML 91Page - Microchip Technology PIC16F72T/ML Datasheet HTML 92Page - Microchip Technology PIC16F72T/ML Datasheet HTML 93Page - Microchip Technology PIC16F72T/ML Datasheet HTML 94Page - Microchip Technology PIC16F72T/ML Datasheet HTML 95Page - Microchip Technology PIC16F72T/ML Datasheet HTML 96Page - Microchip Technology PIC16F72T/ML Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 91
PIC16F72
14.2
DC Characteristics: PIC16F72 (Industrial, Extended)
PIC16LF72 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC Specification,
Section 14.1.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports
D030
with TTL buffer
VSS
—
0.15 VDD
V
For entire VDD range
D030A
VSS
—
0.8V
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger buffer
VSS
—
0.2 VDD
V
D032
MCLR, OSC1 (in RC mode)
VSS
—
0.2 VDD
V
D033
OSC1 (in XT and LP mode)
VSS
—
0.3V
V
(Note 1)
OSC1 (in HS mode)
VSS
—
0.3 VDD
V
(Note 1)
VIH
Input High Voltage
I/O ports
D040
with TTL buffer
2.0
—
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25 VDD + 0.8V
—
VDD
V
For entire VDD range
D041
with Schmitt Trigger buffer
0.8 VDD
—
VDD
V
For entire VDD range
D042
MCLR
0.8 VDD
—
VDD
V
D042A
OSC1 (in XT and LP mode)
1.6V
—
VDD
V
(Note 1)
OSC1 (in HS mode)
0.7 VDD
—
VDD
V
(Note 1)
D043
OSC1 (in RC mode)
0.9 VDD
—
VDD
V
D070
IPURB
PORTB Weak Pull-up Current
50
250
400
µAVDD = 5V, VPIN = VSS
IIL
Input Leakage Current (Notes 2, 3)
D060
I/O ports
——
±1
µAVss ≤ VPIN ≤ VDD, Pin at
hi-impedance
D061
MCLR, RA4/T0CKI
——
±5
µAVss ≤ VPIN ≤ VDD
D063
OSC1
——
±5
µAVss ≤ VPIN ≤ VDD, XT, HS
and LP osc configuration
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC16F72 be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com