Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/ML Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F72T/ML
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/ML Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F72T/ML Datasheet HTML 25Page - Microchip Technology PIC16F72T/ML Datasheet HTML 26Page - Microchip Technology PIC16F72T/ML Datasheet HTML 27Page - Microchip Technology PIC16F72T/ML Datasheet HTML 28Page - Microchip Technology PIC16F72T/ML Datasheet HTML 29Page - Microchip Technology PIC16F72T/ML Datasheet HTML 30Page - Microchip Technology PIC16F72T/ML Datasheet HTML 31Page - Microchip Technology PIC16F72T/ML Datasheet HTML 32Page - Microchip Technology PIC16F72T/ML Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 27
PIC16F72
4.0
READING PROGRAM MEMORY
The FLASH Program Memory is readable during nor-
mal operation over the entire VDD range. It is indirectly
addressed through Special Function Registers (SFR).
Up to 14-bit wide numbers can be stored in memory for
use as calibration parameters, serial numbers, packed
7-bit ASCII, etc. Executing a program memory location
containing data that forms an invalid instruction results
in a NOP.
There are five SFRs used to read the program and
memory:
• PMCON1
• PMDATL
• PMDATH
• PMADRL
• PMADRH
The program memory allows word reads. Program
memory access allows for checksum calculation and
reading calibration tables.
When interfacing to the program memory block, the
PMDATH:PMDATL registers form a two-byte word,
which
holds
the
14-bit
data
for
reads.
The
PMADRH:PMADRL registers form a two-byte word,
which holds the 13-bit address of the FLASH location
being accessed. This device has up to 2K words of
program FLASH, with an address range from 0h to
07FFh. The unused upper bits PMDATH<7:6> and
PMADRH<7:5> are not implemented and read as
zeros.
4.1
PMADR
The address registers can address up to a maximum of
8K words of program FLASH.
When selecting a program address value, the MSByte
of the address is written to the PMADRH register and
the LSByte is written to the PMADRL register. The
upper MSbits of PMADRH must always be clear.
4.2
PMCON1 Register
PMCON1 is the control register for memory accesses.
The control bit RD initiates read operations. This bit
cannot be cleared, only set, in software. It is cleared in
hardware at the completion of the read operation.
REGISTER 4-1:
PMCON1: PROGRAM MEMORY CONTROL REGISTER 1 (ADDRESS 18Ch)
R-1
U-0
U-0
U-0
U-0
U-0
U-0
R/S-0
reserved
—
—
—
—
—
—
RD
bit 7
bit 0
bit 7
Reserved: Read as ‘1’
bit 6-1
Unimplemented: Read as ‘0’
bit 0
RD: Read Control bit
1
= Initiates a FLASH read, RD is cleared in hardware. The RD bit can only be set (not cleared)
in software.
0
= Does not initiate a FLASH read
Legend:
W = Writable bit
U = Unimplemented bit, read as ‘0’
R = Readable bit
S = Settable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com