Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F0 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32F0
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F0 Datasheet HTML 43Page - STMicroelectronics STM32F0 Datasheet HTML 44Page - STMicroelectronics STM32F0 Datasheet HTML 45Page - STMicroelectronics STM32F0 Datasheet HTML 46Page - STMicroelectronics STM32F0 Datasheet HTML 47Page - STMicroelectronics STM32F0 Datasheet HTML 48Page - STMicroelectronics STM32F0 Datasheet HTML 49Page - STMicroelectronics STM32F0 Datasheet HTML 50Page - STMicroelectronics STM32F0 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
DocID023072 Rev 3
47/71
AN4088
Firmware migration using the library
70
functions for different device packages; for example, the USART2_RX pin can be
mapped on PA3 or PA15 pin.
4.
Configuration procedure:
–
Connect the pin to the desired peripherals' Alternate Function (AF) using
GPIO_PinAFConfig() function
–
Use GPIO_Init() function to configure the I/O pin:
- Configure the desired pin in alternate function mode using
GPIO_InitStructure->GPIO_Mode = GPIO_Mode_AF;
- Select the type, pull-up/pull-down and output speed via
GPIO_PuPd, GPIO_OType and GPIO_Speed members
The example below shows how to remap USART2 Tx/Rx I/Os on PD5/PD6 pins in
STM32F1 series:
/* Enable APB2 interface clock for GPIOD and AFIO (AFIO peripheral is used
to configure the I/Os software remapping) */
RCC_APB2PeriphClockCmd(RCC_APB2Periph_GPIOD | RCC_APB2Periph_AFIO,
ENABLE);
/* Enable USART2 I/Os software remapping
[(USART2_Tx,USART2_Rx):(PD5,PD6)] */
GPIO_PinRemapConfig(GPIO_Remap_USART2, ENABLE);
/* Configure USART2_Tx as alternate function push-pull */
GPIO_InitStructure.GPIO_Pin = GPIO_Pin_5;
GPIO_InitStructure.GPIO_Mode = GPIO_Mode_AF_PP;
GPIO_InitStructure.GPIO_Speed = GPIO_Speed_50MHz;
GPIO_Init(GPIOD, &GPIO_InitStructure);
/* Configure USART2_Rx as input floating */
GPIO_InitStructure.GPIO_Pin = GPIO_Pin_6;
GPIO_InitStructure.GPIO_Mode = GPIO_Mode_IN_FLOATING;
GPIO_Init(GPIOD, &GPIO_InitStructure);
In STM32F0 series, you have to update this code as follows:
/* Enable GPIOA's AHB interface clock */
RCC_AHBPeriphClockCmd(RCC_AHBPeriph_GPIOA, ENABLE);
/* Select USART2 I/Os mapping on PA14/15 pins
[(USART2_TX,USART2_RX):(PA.14,PA.15)] */
/* Connect PA14 to USART2_Tx */
GPIO_PinAFConfig(GPIOA, GPIO_PinSource14, GPIO_AF_2);
/* Connect PA15 to USART2_Rx*/
GPIO_PinAFConfig(GPIOA, GPIO_PinSource15, GPIO_AF_2);
/* Configure USART2_Tx and USART2_Rx as alternate function */
GPIO_InitStructure.GPIO_Pin = GPIO_Pin_14 | GPIO_Pin_15;
GPIO_InitStructure.GPIO_Mode = GPIO_Mode_AF;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com