Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX4090 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 10Page - Texas Instruments TNETX4090 Datasheet HTML 11Page - Texas Instruments TNETX4090 Datasheet HTML 12Page - Texas Instruments TNETX4090 Datasheet HTML 13Page - Texas Instruments TNETX4090 Datasheet HTML 14Page - Texas Instruments TNETX4090 Datasheet HTML 15Page - Texas Instruments TNETX4090 Datasheet HTML 16Page - Texas Instruments TNETX4090 Datasheet HTML 17Page - Texas Instruments TNETX4090 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-/100-Mbit/s MAC interface (MII mode) (ports 0–7) (continued)
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
M00_TXEN
M01_TXEN
M02_TXEN
M03_TXEN
M04_TXEN
M05_TXEN
M06_TXEN
M07_TXEN
D22
B17
B13
B8
H4
L1
V3
AE4
O
None
Transmit enable. Indicates valid transmit data on Mxx_TXDn. This signal is synchronous to
Mxx_TCLK.
M00_TXER
M01_TXER
M02_TXER
M03_TXER
M04_TXER
M05_TXER
M06_TXER
M07_TXER
D21
A17
D11
C8
H3
N3
V2
AF4
O
None
Transmit error. Allows coding errors to be propagated across the MII. Mxx_TXER is asserted
at the end of an under-running frame, enabling the TNETX4090 to force a coding error.
MII management interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
MDCLK
K26
O
Pullup
Serial MII management data clock. Disabled [high-impedance (Z) state] through the use of the
serial input/output (SIO) register. An internal pullup resistor is provided.
MDIO
K25
I/O
Pullup
Serial MII management data input/output. Disabled [high-impedance (Z) state] through the use
of the SIO register. An internal pullup resistor is provided.
MRESET
K24
O
Pullup
Serial MII management reset. Disabled [high-impedance (Z) state] through the use of the SIO
register. An internal pullup resistor is provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com