| Electronic Components Datasheet Search |
|
TNETX4090 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) Switching Engine (Queue Manager) Rambus DRAM Controller VLAN 802.1Q and Address-Lookup Engine 2048 CAM 100/1000 MAC GMII/PMA Hardware RMON and Etherstat MIB JTAG I/F LED I/F MDIO I/F 100-M Management MAC CPU I/F With DMA EEPROM I/F 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII Local Packet Switching Memory Figure 1. TNETX4090 Block Diagram Statistics for the Etherstat, SNMP, and remote-monitoring management information base (RMON MIB) are independently collected for each of the nine ports. Access to the statistics counters is provided via the direct input/output (DIO) interface. Management frames can be received and transmitted via the DIO interface, creating a complete network management solution. Figure 1 is a block diagram of the TNETX4090. The TNETX4090 memory solution combines low cost and extremely high bandwidth, using 600-Mbit/pin/s concurrent RDRAM. The packet memory has been implemented to maximize efficiency with the RDRAM architecture. Data is buffered internally and transferred to/from packet memory in 128-byte bursts. Extremely high-memory bandwidth is maintained, allowing all ports to be active without bottlenecking at the memory buffer. The TNETX4090 is fabricated with a 2.5-V technology. The inputs are 3.3-V tolerant and the outputs are capable of directly interfacing to TTL levels. This provides the customer with a broad choice of interfacing device options. Signal names and their terminal assignments are sorted alphabetically in Table 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |