Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX4090 Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 3Page - Texas Instruments TNETX4090 Datasheet HTML 4Page - Texas Instruments TNETX4090 Datasheet HTML 5Page - Texas Instruments TNETX4090 Datasheet HTML 6Page - Texas Instruments TNETX4090 Datasheet HTML 7Page - Texas Instruments TNETX4090 Datasheet HTML 8Page - Texas Instruments TNETX4090 Datasheet HTML 9Page - Texas Instruments TNETX4090 Datasheet HTML 10Page - Texas Instruments TNETX4090 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
JTAG interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR†
DESCRIPTION
TCLK
L24
I
Pullup
Test clock. Clocks state information and test data into and out of the TNETX4090 during operation
of the test port.
TDI
M24
I
Pullup
Test data input. Serially shifts test data and test instructions into the TNETX4090 during operation
of the test port. An internal pullup resistor is provided on TDI to ensure JTAG compliance.
TDO
L23
O
None
Test data out. Serially shifts test data and test instructions out of the TNETX4090 during operation
of the test port.
TMS
M25
I
Pullup
Test mode select. Controls the state of the test-port controller. An internal pullup resistor is provided
on TMS to ensure JTAG compliance.
TRST
L25
I
Pullup
Test reset. Asynchronously resets the test-port controller. An internal pullup resistor is provided on
TRST to ensure JTAG compliance.
† Internal resistors are provided to pull signals to known values. The system designers should determine if additional pullups or pulldowns are
required in their systems.
control logic interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
RESET
M23
I
Device reset. Asserted for a minimum of 100
µs after power supplies and clocks have stabilized. The system clock
must be operational during reset.
FLOW
AF8
O
Flow control. When flow control is activated (flow in SysControl = 1) and the number of free external memory
buffers is below the threshold indicated in FlowThreshold, FLOW is asserted.
100-/1000-Mbit/s MAC interface [gigabit media-independent interface (GMII) (port 8)]
TERMINAL
NAME
I/O
INTERNAL
RESISTOR†
DESCRIPTION
M08_PMA
I
Pullup
PMA mode. PMA mode can be selected by either pulling M08_PMA low externally, or by setting the
reqpma bit in the PortxControl register. If M08_PMA is allowed to float high, the port is configured as
either an MII or GMII interface, as determined by the value of the M08_MII terminal.
M08_MII
I
Pullup
MII or GMII selection. The value of this terminal is ignored if M08_PMA = 0. 100-Mbit/s MII mode can
be selected by either pulling M08_MII low externally, or by setting the req100 bit in the PortxControl
register. If M08_MII is allowed to float high, the port is configured as a GMII interface.
† Internal resistors are provided to pull signals to known values. The system designers should determine if additional pullups or pulldowns are
required in their systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com