| Electronic Components Datasheet Search |
|
TNETX4090 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) 10-/100-Mbit/s MAC interface (MII mode) (ports 0–7) (continued) TERMINAL I/O INTERNAL DESCRIPTION NAME NO. I/O RESISTOR DESCRIPTION M00_RENEG M01_RENEG M02_RENEG M03_RENEG M04_RENEG M05_RENEG M06_RENEG C26 D26 D1 C1 F3 F2 AA3 O None Renegotiate. Indicates to the attached PHY device that this port wishes to renegotiate a new configuration. M00_RXDV M01_RXDV M02_RXDV M03_RXDV M04_RXDV M05_RXDV M06_RXDV M07_RXDV D19 A16 C9 C4 J2 T4 W1 AC8 I Pulldown Receive data valid. Indicates data on Mxx_RXD7–Mxx_RxD0. is valid. This signal is synchronous to Mxx_RCLK. M00_RXD3 M00_RXD2 M00_RXD1 M00_RXD0 M01_RXD3 M01_RXD2 M01_RXD1 M01_RXD0 M02_RXD3 M02_RXD2 M02_RXD1 M02_RXD0 M03_RXD3 M03_RXD2 M03_RXD1 M03_RXD0 M04_RXD3 M04_RXD2 M04_RXD1 M04_RXD0 M05_RXD3 M05_RXD2 M05_RXD1 M05_RXD0 M06_RXD3 M06_RXD2 M06_RXD1 M06_RXD0 M07_RXD3 M07_RXD2 M07_RXD1 M07_RXD0 D20 C20 B20 A20 D15 C15 B15 A15 D10 C10 B10 A10 D5 C5 B5 A5 K3 K2 K1 J1 R4 R3 R2 R1 Y4 Y3 Y2 Y1 AC7 AD7 AE7 AF7 I Pullup Receive data. Nibble receive data from the attached PHY device. Data on these signals is synchronous to Mxx_RCLK. When Mxx_RXDV and Mxx_RXER are low, these terminals are sampled the cycle before Mxx_LINK goes high to configure the port, based on capabilities negotiated by the attached PHY device as follows: – Mxx_RXD0 indicates full-duplex mode when high; half duplex when low, and sets duplex in PortxStatus. – Mxx_RXD1 indicates IEEE Std 802.3 pause frame support when high; no pause when low, and sets pause in PortxStatus. – Mxx_RXD2 indicates 100 Mbit/s when high; 10 Mbit/s when low, and sets speed in PortxStatus. – Mxx_RXD3 is unused and is ignored. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |