| Electronic Components Datasheet Search |
|
TNETX4090 Datasheet(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4090 Datasheet(HTML) 41 Page - Texas Instruments |
|
41 / 78 page ![]() TNETX4090 ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999 41 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ring-cascade topology (continued) D Frames received on a ring port must have an out-of-band pretag in the clock cycle before Mxx_RXDV is asserted. The contents of the pretag are examined, and based on the results, are either forwarded normally, or immediately discarded within the MAC. If discarded, the frame does not affect any of the statistics or address-lookup database. Frames are forwarded normally, unless: – The pretag is 0. – The two IDs within the pretag are not the same. – The ID within the received pretag is the same as ringid. This identifies a frame that originated at this device, and that has passed completely around the ring. The pretag format is shown in Figure 8. Ring ID Preamble M08_TXD3– M08_TXD0/ M08_RXD3– M08_RXD0 M08_TXEN M08_RXDV M08_GTCLK Ring ID Preamble M08_TXD7– M08_TXD4/ M08_RXD7– M08_RXD4 Figure 8. Ring-Topology Pretag Timing The devices in the ring are connected as shown in Table 13. Table 13. Ring-Topology Connectivity SWITCH TERMINAL n n + 1 M08_TXD7 → M08_RXD7 M08_TXD6 → M08_RXD6 M08_TXD5 → M08_RXD5 M08_TXD4 → M08_RXD4 M08_TXD3 → M08_RXD3 M08_TXD2 → M08_RXD2 M08_TXD1 → M08_RXD1 M08_TXD0 → M08_RXD0 M08_TXEN → M08_RXDV M08_TXER → M08_RXER M08_COL ← FLOW NOTE: When a port is configured for the ring topology, IEEE Std 802.3x flow control should be disabled. Hardware-based flow control is supported using the FLOW and Mxx_COL terminals; however, this must be enabled by setting the flow bit in SysControl. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |