Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX4090 Datasheet(PDF) 71 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 67Page - Texas Instruments TNETX4090 Datasheet HTML 68Page - Texas Instruments TNETX4090 Datasheet HTML 69Page - Texas Instruments TNETX4090 Datasheet HTML 70Page - Texas Instruments TNETX4090 Datasheet HTML 71Page - Texas Instruments TNETX4090 Datasheet HTML 72Page - Texas Instruments TNETX4090 Datasheet HTML 73Page - Texas Instruments TNETX4090 Datasheet HTML 74Page - Texas Instruments TNETX4090 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
TNETX4090
ThunderSWITCH II9-PORT 100-/1000-MBIT/S ETHERNETSWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
71
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
EEPROM interface
For further information on EEPROM interface timing, refer to the 24C02 or 24C08 serial EEPROM data sheets.
EEPROM writes (see Figure 27)
NO.
MIN
MAX
UNIT
1
tsu(EDIO:Start)
Setup time, start condition during ECLK high
383
tc
2
th(EDIO:Start)
Hold time, start condition during ECLK high
383
tc
3
th(EDIO:Data)
Hold time, data after ECLK
0
tc
4
tsu(EDIO:Data)
Setup time, data before ECLK
383
tc
5
tw(ECLK)
Pulse duration, ECLK low during start/stop
766
tc
6
tw(ECLK)
Pulse duration, ECLK high during start/stop
766
tc
7
tw(ECLK:Data)
Pulse duration, ECLK high during data
383
tc
8
tw(ECLK:Data)
Pulse duration, ECLK low during data
766
tc
9
fclock(ECLK)
Clock frequency, ECLK
98
kHz
EDIO (out)
7
8
4
2
1
3
5
6
ECLK
Figure 27. EEPROM Writes
EEPROM reads (see Figure 28)
NO.
MIN
MAX
UNIT
1
tsu(EDIO)
Setup time, EDIO (in) before ECLK
10
ns
2
th(EDIO)
Hold time, EDIO (in) after ECLK
0
ns
ECLK
1
2
EDIO (in)
Figure 28. EEPROM Reads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com