Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX4090 Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 5Page - Texas Instruments TNETX4090 Datasheet HTML 6Page - Texas Instruments TNETX4090 Datasheet HTML 7Page - Texas Instruments TNETX4090 Datasheet HTML 8Page - Texas Instruments TNETX4090 Datasheet HTML 9Page - Texas Instruments TNETX4090 Datasheet HTML 10Page - Texas Instruments TNETX4090 Datasheet HTML 11Page - Texas Instruments TNETX4090 Datasheet HTML 12Page - Texas Instruments TNETX4090 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
100-/1000-Mbit/s MAC interface [physical media attachment (PMA) mode]
TERMINAL
NAME
I/O
INTERNAL
RESISTOR
DESCRIPTION
M08_COL
I
Pulldown
Receive byte clock 1. M08_COL is used to input receive byte clock 1 from the attached SERDES
device.
M08_CRS
I
Pulldown
Unused. This terminal can be left unconnected.
M08_EWRAP
O
None
Enable wrap. Output to attached SERDES device used to enable loopback testing of that device.
M08_EWRAP is asserted when loopback in PCSxControl = 1.
M08_GTCLK
O
None
Transmit clock. Transmit clock output to attached SERDES device.
M08_LINK
I
Pulldown
Signal detect. This can be connected to the signal detect output from the external SERDES device.
– If M08_LINK = 0, there is no signal.
– If M08_LINK = 1, signal is present.
M08_LREF
O
None
Lock to reference. M08_LREF is asserted low during hard reset or when lckref in PortxControl = 1.
It is used by the external SERDES device to lock to its reference clock.
M08_RCLK
I
Pullup
Receive byte clock 0. M08_RCLK is used to input receive byte clock 0 from the attached SERDES
device.
M08_RFCLK
I
Pullup
Reference clock. Reference clock, used as the clock source for the transmit side of this port and
to generate M08_GTCLK. M08_RFCLK provides the clock source for the entire internal PCS
sublayer.
M08_RXD7
M08_RXD6
M08_RXD5
M08_RXD4
M08_RXD3
M08_RXD2
M08_RXD1
M08_RXD0
I
Pullup
Receive data. Least significant eight bits of the 10-bit receive code group. Even-numbered code
groups are latched with M08_COL, and odd-numbered code groups are latched with M08_RCLK.
M08_RXDV
I
Pulldown
Receive data valid. M08_RXDV is used to receive the 9th bit of the 10-bit PMA code groups.
Even-numbered code groups are latched with M08_COL, and odd-numbered code groups are
latched with M08_RCLK.
M08_RXER
I
Pulldown
Receive error. M08_RXER is used to receive the 10th bit of the 10-bit PMA code groups.
Even-numbered code groups are latched with M08_COL, and odd-numbered code groups are
latched with M08_RCLK.
M08_TXD7
M08_TXD6
M08_TXD5
M08_TXD4
M08_TXD3
M08_TXD2
M08_TXD1
M08_TXD0
O
None
Transmit data. Least significant eight bits of the 10-bit transmit code group. Data on these signals
is synchronous to M08_GTCLK.
M08_TXEN
O
None
Transmit enable. M08_TXEN is used to transmit the 9th bit of the 10-bit PMA code groups. Data
on this signal is synchronous to M08_GTCLK.
M08_TXER
O
None
Transmit error. M08_TXER is used to transmit the 10th bit of the 10-bit PMA code groups. Data on
this signal is synchronous to M08_GTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com