Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5507 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507
Description  Fixed-Point Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5507 Datasheet HTML 9Page - Texas Instruments TMS320VC5507 Datasheet HTML 10Page - Texas Instruments TMS320VC5507 Datasheet HTML 11Page - Texas Instruments TMS320VC5507 Datasheet HTML 12Page - Texas Instruments TMS320VC5507 Datasheet HTML 13Page - Texas Instruments TMS320VC5507 Datasheet HTML 14Page - Texas Instruments TMS320VC5507 Datasheet HTML 15Page - Texas Instruments TMS320VC5507 Datasheet HTML 16Page - Texas Instruments TMS320VC5507 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
2.3
Signal Descriptions
Table 2-2 lists each signal, function, and operating mode(s) grouped by function. See Section 2.2 for pin
locations.
Table 2-2. Signal Descriptions
TERMINAL
MULTIPLEXED
RESET
I/O/Z (1)
FUNCTION
BK (2)
NAME
SIGNAL NAME
CONDITION
PARALLEL BUS
A subset of the parallel address bus A13
−A0 of
the C55x DSP core bonded to external pins.
These pins serve in one of three functions: HPI
address bus (HPI.HA[13:0]), EMIF address bus
(EMIF.A[13:0]), or general-purpose I/O
(GPIO.A[13:0]). The initial state of these pins
depends on the GPIO0 pin. See Section 3.6.1 for
A[13:0]
I/O/Z
more information.
The address bus has a bus holder feature that
eliminates passive component requirement and
the power dissipation associated with them. The
bus holders keep the address bus at the previous
logic level when the bus goes into a
high-impedance state.
GPIO0 = 1:
HPI address bus. HPI.HA[13:0] is selected when
x
the Parallel Port Mode bit field of the External Bus
Output,
Selection Register is 10. This setting enables the
EMIF.A[13:0]
HPI in non-multiplexed mode.
HPI.HA[13:0]
I
x
HPI.HA[13:0] provides DSP internal memory
BK
x
access to host. In non-multiplexed mode, these
GPIO0 = 0:
signals are driven by an external host as address
x
lines.
Input,
EMIF address bus. EMIF.A[13:0] is selected when
HPI.HA[13:0]
the Parallel Port Mode bit field of the External Bus
Selection Register is 01. This setting enables the
EMIF.A[13:0]
O/Z
full EMIF mode and the EMIF drives the parallel
port address bus. The internal A[14] address is
exclusive-ORed with internal A[0] address and the
result is routed to the A[0] pin.
General-purpose I/O address bus. GPIO.A[13:0] is
selected when the Parallel Port Mode bit field of
the External Bus Selection Register is 11. This
setting enables the HPI in multiplexed mode with
GPIO.A[13:0]
I/O/Z
the Parallel Port GPIO register controlling the
parallel port address bus. GPIO is also selected
when the Parallel Port Mode bit field is 00,
enabling the Data EMIF mode.
(1)
I = Input, O = Output, S = Supply, Hi-Z = High-impedance
(2)
BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer, FS = fail-safe buffer
Copyright © 2009, Texas Instruments Incorporated
Introduction
13
Submit Documentation Feedback
Product Folder Link(s): SM320VC5507-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com