Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5507 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507
Description  Fixed-Point Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5507 Datasheet HTML 43Page - Texas Instruments TMS320VC5507 Datasheet HTML 44Page - Texas Instruments TMS320VC5507 Datasheet HTML 45Page - Texas Instruments TMS320VC5507 Datasheet HTML 46Page - Texas Instruments TMS320VC5507 Datasheet HTML 47Page - Texas Instruments TMS320VC5507 Datasheet HTML 48Page - Texas Instruments TMS320VC5507 Datasheet HTML 49Page - Texas Instruments TMS320VC5507 Datasheet HTML 50Page - Texas Instruments TMS320VC5507 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
Table 3-26. Multichannel Serial Port #0 (continued)
Transmit channel enable register partition B,
0x2811
XCERB_0[15:0]
0000 0000 0000 0000
McBSP #0
0x2812
PCR0[15:0]
Pin control register, McBSP #0
0000 0000 0000 0000
Receive channel enable register partition C,
0x2813
RCERC_0[15:0]
0000 0000 0000 0000
McBSP #0
Receive channel enable register partition D,
0x2814
RCERD_0[15:0]
0000 0000 0000 0000
McBSP #0
Transmit channel enable register partition C,
0x2815
XCERC_0[15:0]
0000 0000 0000 0000
McBSP #0
Transmit channel enable register partition D,
0x2816
XCERD_0[15:0]
0000 0000 0000 0000
McBSP #0
Receive channel enable register partition E,
0x2817
RCERE_0[15:0]
0000 0000 0000 0000
McBSP #0
Receive channel enable register partition F,
0x2818
RCERF_0[15:0]
0000 0000 0000 0000
McBSP #0
Transmit channel enable register partition E,
0x2819
XCERE_0[15:0]
0000 0000 0000 0000
McBSP #0
Transmit channel enable register partition F,
0x281A
XCERF_0[15:0]
0000 0000 0000 0000
McBSP #0
Receive channel enable register partition G,
0x281B
RCERG_0[15:0]
0000 0000 0000 0000
McBSP #0
Receive channel enable register partition H,
0x281C
RCERH_0[15:0]
0000 0000 0000 0000
McBSP #0
Transmit channel enable register partition G,
0x281D
XCERG_0[15:0]
0000 0000 0000 0000
McBSP #0
Transmit channel enable register partition H,
0x281E
XCERH_0[15:0]
0000 0000 0000 0000
McBSP #0
Table 3-27. Multichannel Serial Port #1
PORT ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE(1)
(WORD)
0x2C00
DRR2_1[15:0]
Data receive register 2, McBSP #1
0000 0000 0000 0000
0x2C01
DRR1_1[15:0]
Data receive register 1, McBSP #1
0000 0000 0000 0000
0x2C02
DXR2_1[15:0]
Data transmit register 2, McBSP #1
0000 0000 0000 0000
0x2C03
DXR1_1[15:0]
Data transmit register 1, McBSP #1
0000 0000 0000 0000
0x2C04
SPCR2_1[15:0]
Serial port control register 2, McBSP #1
0000 0000 0000 0000
0x2C05
SPCR1_1[15:0]
Serial port control register 1, McBSP #1
0000 0000 0000 0000
0x2C06
RCR2_1[15:0]
Receive control register 2, McBSP #1
0000 0000 0000 0000
0x2C07
RCR1_1[15:0]
Receive control register 1, McBSP #1
0000 0000 0000 0000
0x2C08
XCR2_1[15:0]
Transmit control register 2, McBSP #1
0000 0000 0000 0000
0x2C09
XCR1_1[15:0]
Transmit control register 1, McBSP #1
0000 0000 0000 0000
0x2C0A
SRGR2_1[15:0]
Sample rate generator register 2, McBSP #1
0020 0000 0000 0000
0x2C0B
SRGR1_1[15:0]
Sample rate generator register 1, McBSP #1
0000 0000 0000 0001
0x2C0C
MCR2_1[15:0]
Multichannel control register 2, McBSP #1
0000 0000 0000 0000
0x2C0D
MCR1_1[15:0]
Multichannel control register 1, McBSP #1
0000 0000 0000 0000
Receive channel enable register partition A,
0x2C0E
RCERA_1[15:0]
0000 0000 0000 0000
McBSP #1
Receive channel enable register partition B,
0x2C0F
RCERB_1[15:0]
0000 0000 0000 0000
McBSP #1
Transmit channel enable register partition A,
0x2C10
XCERA_1[15:0]
0000 0000 0000 0000
McBSP #1
(1)
Hardware reset; x denotes a “don’t care.”
Copyright © 2009, Texas Instruments Incorporated
Functional Overview
47
Submit Documentation Feedback
Product Folder Link(s): SM320VC5507-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com