Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5507 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507
Description  Fixed-Point Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320VC5507 Datasheet HTML 77Page - Texas Instruments TMS320VC5507 Datasheet HTML 78Page - Texas Instruments TMS320VC5507 Datasheet HTML 79Page - Texas Instruments TMS320VC5507 Datasheet HTML 80Page - Texas Instruments TMS320VC5507 Datasheet HTML 81Page - Texas Instruments TMS320VC5507 Datasheet HTML 82Page - Texas Instruments TMS320VC5507 Datasheet HTML 83Page - Texas Instruments TMS320VC5507 Datasheet HTML 84Page - Texas Instruments TMS320VC5507 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
RESET
BK Group †
High Group ‡
Z Group §
R5
R7
R6
R8
† BK group pins: A’[0], A[15:0], D[15:0], C[14:2], C0, GPIO5, DX1, and DX2
‡ High group pins: C1[HPI.HINT], XF
§ Z group pins: C1[EMIF.AOE], GPIO[7:6, 4:0], TIN/TOUT0, SDA, SCL, CLKR0, FSR0, CLKX0, DX0, FSX0, FSX2, CLKX2, FSR2, DR2, CLKR2,
FSX1, CLKX1, FSR1, DR1, CLKR1, A[20:16]
I1
I2
INTn
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
Table 5-15. Reset Switching Characteristics(1)
CVDD = 1.2 V
CVDD = 1.6 V
CVDD = 1.35 V
NO.
UNIT
MIN
MAX
MIN
MAX
R5
td (RSTH–BKV)
Delay time, reset high to BK group valid(2)
38P + 15
38P + 15
ns
R6
td (RSTH–HIGHV)
Delay time, reset high to High group valid(3)
38P + 15
38P + 15
ns
R7
td (RSTL–ZIV)
Delay time, reset low to Z group invalid(4)
1P + 15
1P + 15
ns
R8
td (RSTH–ZV)
Delay time, reset high to Z group valid(4)
38P + 15
38P + 15
ns
(1)
P = 1/CPU clock frequency in ns. For example, when CPU is running at 200 MHz, P = 5 ns.
(2)
BK group: Pins with bus keepers, holds previous state during reset. Following low-to-high transition of RESET, these pins go to their
post-reset logic state.
BK group pins: A’[0], A[15:0], D[15:0], C[14:2], C0, GPIO5, DX1, and DX2
(3)
High group: Following low-to-high transition of RESET, these pins go to logic-high state.
High group pins: C1[HPI.HINT], XF
(4)
Z group: Bidirectional pins which become input or output pins. Following low-to-high transition of RESET, these pins go to
high-impedance state.
Z group pins: C1[EMIF.AOE], GPIO[7:6, 4:0], TIN/TOUT0, SDA, SCL, CLKR0, FSR0, CLKX0, DX0, FSX0, FSX2, CLKX2, FSR2, DR2,
CLKR2, FSX1, CLKX1, FSR1, DR1, CLKR1, A[20:16]
Figure 5-17. Reset Timings
5.9
External Interrupt Timings
Table 5-16 assumes testing over recommended operating conditions (see Figure 5-18).
Table 5-16. External Interrupt Timing Requirements(1)
CVDD = 1.2 V
CVDD = 1.6 V
CVDD = 1.35 V
NO.
UNIT
MIN
MAX
MIN
MAX
I1
tw (INTH)A
Pulse width, interrupt high, CPU active
2P
2P
ns
I2
tw (INTL)A
Pulse width, interrupt low, CPU active
3P
3P
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
Figure 5-18. External Interrupt Timings
Copyright © 2009, Texas Instruments Incorporated
Electrical Specifications
81
Submit Documentation Feedback
Product Folder Link(s): SM320VC5507-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com