Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5507 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507
Description  Fixed-Point Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5507 Datasheet HTML 35Page - Texas Instruments TMS320VC5507 Datasheet HTML 36Page - Texas Instruments TMS320VC5507 Datasheet HTML 37Page - Texas Instruments TMS320VC5507 Datasheet HTML 38Page - Texas Instruments TMS320VC5507 Datasheet HTML 39Page - Texas Instruments TMS320VC5507 Datasheet HTML 40Page - Texas Instruments TMS320VC5507 Datasheet HTML 41Page - Texas Instruments TMS320VC5507 Datasheet HTML 42Page - Texas Instruments TMS320VC5507 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
Table 3-17. USB APLL Clock Mode Register Bit Functions
RESET
BIT NO.
BIT NAME
FUNCTION
VALUE
PLL Multiply Factor K. Multiply Factor K, combined with DIV and MODE, determines the final PLL
output clock frequency.
15
−12
MULT
0
K = MULT[3:0] + 1
PLL Divide Factor (D) selection bit for PLL multiply mode operation. DIV, combined with K and MODE,
determines the final PLL output clock frequency. When the PLL is operating in multiply mode:
11
DIV
0
DIV = 0;
PLL Divide Factor D = 1
DIV = 1;
PLL Divide Factor D = 2 if K is odd
PLL Divide Factor D = 4 if K is even
Status bit indicating if the APLL is the source for the USB module clock.8-bit counter for PLL lock
timer. When the MODE bit is set to 1, the COUNT field starts decrementing by 1 at the rate of
10-3
COUNT
0
CLKIN/16. When COUNT decrements to 0, the STAT bit is set to 1 and the PLL enabled clock is
sourced to the USB module.
PLL Voltage Controlled Oscillator (VCO) enable bit. This bit works in conjunction with MODE to enable
or disable the VCO.
ON
MODE
VCO
0
0
OFF
2
ON
0
1
X
ON
X
1
ON
X = Don’t care
PLL mode selection bit
MODE = 0;
PLL operating in divide mode (VCO bypassed). When the PLL is
operating in DIV mode, the PLL Divide Factor (D) is determined by the
factor K.
1
MODE
0
D = 2 if K = 1 to 15
D = 4 if K = 16
PLL operating in multiply mode (VCO on). The PLL multiply and divide
MODE = 1;
factors are determined by DIV and K.
PLL lock status bit
0
STAT
0
STAT = 0;
PLL operating in DIV mode (VCO bypassed)
STAT = 1;
PLL operating in multiply mode (VCO on)
DIV, combined with MODE and K, defines the final PLL multiplication ratio M/D as indicated below. The
USB APLL clock frequency can be simply expressed by Equation 1.
FUSB APLL CLK = FCLKIN x (M/D)
The multiplication factor M and the dividing factor D are defined in Table 3-18.
Table 3-18. M and D Values Based on MODE, DIV, and K
MODE
DIV
K
M
D
0
X
1 to 15
1
2
0
X
16
1
4
1
0
1 to 15
K
1
1
0
16
1
1
1
1
Odd
K
2
1
1
Even
K-1
4
Copyright © 2009, Texas Instruments Incorporated
Functional Overview
39
Submit Documentation Feedback
Product Folder Link(s): SM320VC5507-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com