Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5507 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507
Description  Fixed-Point Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5507 Datasheet HTML 49Page - Texas Instruments TMS320VC5507 Datasheet HTML 50Page - Texas Instruments TMS320VC5507 Datasheet HTML 51Page - Texas Instruments TMS320VC5507 Datasheet HTML 52Page - Texas Instruments TMS320VC5507 Datasheet HTML 53Page - Texas Instruments TMS320VC5507 Datasheet HTML 54Page - Texas Instruments TMS320VC5507 Datasheet HTML 55Page - Texas Instruments TMS320VC5507 Datasheet HTML 56Page - Texas Instruments TMS320VC5507 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
15
14
13
12
11
10
9
8
DMAC5
DMAC4
XINT2
RINT2
INT3/
WDTINT
DSPINT
DMAC1
USB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
XINT1
RINT1
RINT0
TINT0
INT2
INT0
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R = Read, W = Write, n = value after reset
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
Table 3-36. Interrupt Table (continued)
INT4/RTC(3)
SINT19
98
16
External interrupt #4 or RTC interrupt
RINT2
SINT12
60
17
McBSP #2 receive interrupt
XINT2
SINT13
68
18
McBSP #2 transmit interrupt
DMAC2
SINT20
A0
19
DMA Channel #2 interrupt
DMAC3
SINT21
A8
20
DMA Channel #3 interrupt
DMAC4
SINT14
70
21
DMA Channel #4 interrupt
DMAC5
SINT15
78
22
DMA Channel #5 interrupt
TINT1
SINT22
B0
23
Timer #1 interrupt
IIC
SINT23
B8
24
I2C interrupt
DLOG
SINT25
C8
25
Data log interrupt
RTOS
SINT26
D0
26
Real–time operating system interrupt
-
SINT27
D8
27
Software interrupt #27
-
SINT28
E0
28
Software interrupt #28
-
SINT29
E8
29
Software interrupt #29
-
SINT30
F0
30
Software interrupt #30
-
SINT31
F8
31
Software interrupt #31
(3)
It is recommended that either the INT4 or RTC interrupt be used. If both INT4 and RTC interrupts are used, one interrupt event can
potentially hold off the other interrupt. For example, if INT4 is asserted first and held low, the RTC interrupt will not be recognized until
the INT4 pin is back to high-logic state again. The INT4 pin must be pulled high if only the RTC interrupt is used.
3.12.1 IFR and IER Registers
The IFR0 (Interrupt Flag Register 0) and IER0 (Interrupt Enable Register 0) bit layouts are shown in
Figure 3-19.
Figure 3-19. IFR0 and IER0 Bit Locations
Table 3-37. IFR0 and IER0 Register Bit Fields
BIT
FUNCTION
NUMBER
NAME
15
DMAC5
DMA channel 5 interrupt flag/mask bit
14
DMAC4
DMA channel 4 interrupt flag/mask bit
13
XINT2
This bit is used as the McBSP2 transmit interrupt flag/mask bit.
12
RINT2
McBSP2 receive interrupt flag/mask bit.
This bit is used as either the external user interrupt 3 flag/mask bit, or the watchdog timer interrupt
11
INT3/WDTINT
flag/mask bit.(1)
10
DSPINT
HPI host–to–DSP interrupt flag/mask.
9
DMAC1
DMA channel 1 interrupt flag/mask bit
8
USB
USB interrupt flag/mask bit.
(1)
It is possible to have active interrupts simultaneously from both the external INT3 source and the watchdog timer. When an interrupt is
detected in this bit, the watchdog timer status register should be polled to determine if the watchdog timer is the interrupt source.
Copyright © 2009, Texas Instruments Incorporated
Functional Overview
53
Submit Documentation Feedback
Product Folder Link(s): SM320VC5507-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com