Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5507 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507
Description  Fixed-Point Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5507 Datasheet HTML 29Page - Texas Instruments TMS320VC5507 Datasheet HTML 30Page - Texas Instruments TMS320VC5507 Datasheet HTML 31Page - Texas Instruments TMS320VC5507 Datasheet HTML 32Page - Texas Instruments TMS320VC5507 Datasheet HTML 33Page - Texas Instruments TMS320VC5507 Datasheet HTML 34Page - Texas Instruments TMS320VC5507 Datasheet HTML 35Page - Texas Instruments TMS320VC5507 Datasheet HTML 36Page - Texas Instruments TMS320VC5507 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
16-Bit-Wide Asynchronous Memory
BGA
5507
A[20:14]
D[15:0]
A[13:1]
BE[1:0]
16-Bit
Asynchronous
Memory
D[15:0]
A[19:13]
A[12:0]
BGA
5507
A’[0]
A[13:1]
A[20:14]
BE[1:0]
8-Bit-Wide Asynchronous Memory
Memory
Asynchronous
8-Bit
A[0]
A[13:1]
A[20:14]
BE[1:0]
D[7:0]
D[7:0]
16-Bit-Wide SDRAM
SDWE
A[12]
D[15:0]
A[10:1]
SDA10
A[13]
A[14]
SDCAS
SDRAS
CLKMEM
CEx
WE
A[11]
A[9:0]
D[15:0]
A[10]
BA[1]
BA[0]
DQM[H:L]
CAS
RAS
CLK
CS
BE[1:0]
BE[1:0]
OE
OE
RE
RE
WE
WE
CEx
CS
OE
OE
RE
RE
WE
WE
CEx
CS
15
8
7
6
5
4
3
2
1
0
Reserved
IO7DIR
IO6DIR
IO5DIR
IO4DIR
IO3DIR
IO2DIR
IO1DIR
IO0DIR
LEGEND: R = Read, W = Write, n = value after reset
R-00000000
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
Figure 3-6. Parallel Port (EMIF) Signal Interface
3.7
General-Purpose Input/Output (GPIO) Ports
3.7.1
Dedicated General-Purpose I/O
The 5507 provides eight dedicated general-purpose input/output pins, GPIO0
−GPIO7. Each pin can be
indepedently configured as an input or an output using the I/O Direction Register (IODIR). The I/O Data
Register (IODATA) is used to monitor the logic state of pins configured as inputs and control the logic
state of pins configured as outputs. See Table 3-29 for address information. The description of the IODIR
is shown in Figure 3-7 and Table 3-7. The description of IODATA is shown in Figure 3-8 and Table 3-8.
To configure a GPIO pin as an input, clear the direction bit that corresponds to the pin in IODIR to 0. To
read the logic state of the input pin, read the corresponding bit in IODATA.
To configure a GPIO pin as an output, set the direction bit that corresponds to the pin in IODIR to 1. To
control the logic state of the output pin, write to the corresponding bit in IODATA.
Figure 3-7. I/O Direction Register (IODIR) Bit Layout
Copyright © 2009, Texas Instruments Incorporated
Functional Overview
33
Submit Documentation Feedback
Product Folder Link(s): SM320VC5507-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com