Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5507 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507
Description  Fixed-Point Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5507 Datasheet HTML 69Page - Texas Instruments TMS320VC5507 Datasheet HTML 70Page - Texas Instruments TMS320VC5507 Datasheet HTML 71Page - Texas Instruments TMS320VC5507 Datasheet HTML 72Page - Texas Instruments TMS320VC5507 Datasheet HTML 73Page - Texas Instruments TMS320VC5507 Datasheet HTML 74Page - Texas Instruments TMS320VC5507 Datasheet HTML 75Page - Texas Instruments TMS320VC5507 Datasheet HTML 76Page - Texas Instruments TMS320VC5507 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
M22
M24
M26
M27
M23
M34
M28
M35
M29
M19
M20
D1
D2
D3
CLKMEM
CEx†
BEx ‡
EMIF.A[13:0]
D[15:0]
SDA10
SDRAS
SDCAS
SDWE
READ
READ
READ
CA1
CA2
CA3
M21
† The chip enable that becomes active depends on the address being accessed.
‡ All BE[1:0] signals are driven low (active) during reads. Byte manipulation of the read data is performed inside the EMIF. These signals r emain
active until the next access that is not an SDRAM read occurs.
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
Table 5-10. Synchronous DRAM Cycle Switching Characteristics (continued)
CVDD = 1.2 V
CVDD = 1.6 V
CVDD = 1.35 V
NO.
UNIT
MIN
MAX
MIN
MAX
M25
td (CLKMEMH–BEIV)
Delay time, CLKMEM high to BEx invalid
1.2
7
1.2
5
ns
M26
td (CLKMEMH–AV)
Delay time, CLKMEM high to address valid
1.2
7
1.2
5
ns
M27
td (CLKMEMH–AIV)
Delay time, CLKMEM high to address invalid
1.2
7
1.2
5
ns
M28
td (CLKMEMH–SDCASL)
Delay time, CLKMEM high to SDCAS low
1.2
7
1.2
5
ns
M29
td (CLKMEMH–SDCASH)
Delay time, CLKMEM high to SDCAS high
1.2
7
1.2
5
ns
M30
td (CLKMEMH–DV)
Delay time, CLKMEM high to data valid
1.2
7
1.2
5
ns
M31
td (CLKMEMH–DIV)
Delay time, CLKMEM high to data invalid
1.2
7
1.2
5
ns
M32
td (CLKMEMH–SDWEL)
Delay time, CLKMEM high to SDWE low
1.2
7
1.2
5
ns
M33
td (CLKMEMH–SDWEH)
Delay time, CLKMEM high to SDWE high
1.2
7
1.2
5
ns
M34
td (CLKMEMH–SDA10V)
Delay time, CLKMEM high to SDA10 valid
1.2
7
1.2
5
ns
M35
td (CLKMEMH–SDA10IV)
Delay time, CLKMEM high to SDA10 invalid
1.2
7
1.2
5
ns
M36
td (CLKMEMH–SDRASL)
Delay time, CLKMEM high to SDRAS low
1.2
7
1.2
5
ns
M37
td (CLKMEMH–SDRASH)
Delay time, CLKMEM high to SDRAS high
1.2
7
1.2
5
ns
M38
td (CLKMEMH–CKEL)
Delay time, CLKMEM high to CKE low
1.2
7
1.2
5
ns
M39
td (CLKMEMH–CKEH)
Delay time, CLKMEM high to CKE high
1.2
7
1.2
5
ns
Figure 5-8. Three SDRAM Read Commands
Copyright © 2009, Texas Instruments Incorporated
Electrical Specifications
73
Submit Documentation Feedback
Product Folder Link(s): SM320VC5507-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com