Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button R5F5630ECDFB Datasheet HTML 150Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 151Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 152Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 153Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 154Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 155Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 156Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 154 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.12
ROM (Flash Memory for Code Storage) Characteristics
Note 1. Definition of reprogram/erase cycle:
The reprogram/erase cycle is the number of erasing for each block. When the reprogram/erase cycle is n times (n = 1000),
erasing can be performed n times for each block. For instance, when 256-byte programming is performed 16 times for different
addresses in 4-Kbyte block and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasing is not enabled (overwriting is prohibited).
Note 2. This indicates the minimum number that guarantees the characteristics after reprogramming. (The guaranteed value is in the
range from one to the minimum number.)
Note 3. This indicates the characteristic when reprogram is performed within the specification range including the minimum number.
Table 5.29
ROM (Flash Memory for Code Storage) Characteristics
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
Temperature range for the programming/erasure operation: Ta = Topr
Item
Symbol
FCLK = 4 MHz
20 MHz
≤ FCLK ≤ 50 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
NPEC 100 hours
128 bytes
tP128
—
2.8
28
—
1
10
ms
4 Kbytes
tP4K
—
63
140
—
23
50
ms
16 Kbytes
tP16K
—
252
560
—
90
200
ms
Programming time
NPEC > 100 hours
128 bytes
tP128
—
3.4
33.6
—
1.2
12
ms
4 Kbytes
tP4K
—
75.6
168
—
27.6
60
ms
16 Kbytes
tP16K
—
302.4
672
—
108
240
ms
Erasure time
NPEC 100 hours
4 Kbytes
tE4K
—
50
120
—
25
60
ms
16 Kbytes
tE16K
—
200
480
—
100
240
ms
Erasure time
NPEC > 100 hours
4 Kbytes
tE4K
—
60
144
—
30
72
ms
16 Kbytes
tE16K
—
240
576
—
120
288
ms
Reprogram/erase cycle*1
NPEC
1000*2
—
—
1000*2
——
Times
Suspend delay time during programming
tSPD
—
—
400
—
—
120
μs
First suspend delay time during erasing
(in suspend priority mode)
tSESD1
—
—
300
—
—
120
μs
Second suspend delay time during erasing
(in suspend priority mode)
tSESD2
——
1.7
—
—1.7
ms
Suspend delay time during erasing
(in erasure priority mode)
tSEED
——
1.7
—
—1.7
ms
Data hold time*3
tDRP
10
—
—
10
—
—
Year
FCU reset time
tFCUR
35
—
—
35
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com