Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F5630ECDFB Datasheet HTML 1Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 2Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 3Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 4Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 5Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 6Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 7Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 8Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 5 of 168
Sep 13, 2011
RX630 Group
1. Overview
Communication
function
USB 2.0 function
module (USBa)
 Includes a UDC (USB Device Controller) and transceiver for USB 2.0
 Single port
 Compliance with the USB 2.0 specification
 Transfer rate: Full speed (12 Mbps)
 Self-power mode and bus power are selectable
 Incorporates 2 Kbytes of RAM as a transfer buffer
Serial communications
interfaces (SCIc, SCId)
 13 channels (SCIc: 12 channels + SCId: 1 channel)
 SCIc
Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Average transfer rate clock can be input from TMR timers for SCI5, SCI6, and SCI12
Simple I2C
Simple SPI
 SCId (The following functions are added to SCIc)
Supports the serial communications protocol, which contains the start frame and
information frame
Supports the LIN format
I2C bus interfaces
(RIIC)
 4 channels (one of them is FM+)
Communication formats
I2C bus format/SMBus format
Supports the multi-master
Max. transfer rate: 1 Mbps (channel 0)
IEBus (IEB)
 1 channel
 Supports protocol control for the IEBus
Half-duplex asynchronous transfer
Multi-master operation
Broadcast communications function
Two selectable modes, differentiated by transfer rate
CAN module (CAN)
 3 channels
 Compliance with the ISO11898-1 specification (standard frame and extended frame)
 32 mailboxes each
Serial peripheral
interfaces (RSPI)
 3 channels
 RSPI transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select),
and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four
lines) or clock-synchronous operation (three lines)
Capable of handling serial transfer as a master or slave
 Data formats
Switching between MSB first and LSB first
The number of bits in each transfer can be changed to any number of bits from 8 to 16,
or to 20, 24, or 32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
 Buffered structure
Double buffers for both transmission and reception
12-bit A/D converter (S12ADa)
 1 unit (1 unit × 21 channels)
 12-bit resolution
 Conversion time: 1.0 s per channel (in operation with PCLK at 50 MHz)
 Operating mode
Scan mode (single scan mode or continuous scan mode)
 Sample-and-hold function
 Reference voltage generation
 Three ways to start A/D conversion
Conversion can be started by software, a conversion start trigger from a timer (MTU,
TPU, or TMR), or an external trigger signal.
 A/D conversion of the temperature sensor output
Table 1.1
Outline of Specifications (4/5)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com