Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F5630ECDFB Datasheet HTML 93Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 94Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 95Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 96Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 97Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 98Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 99Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 100Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 97 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 870Eh
MTU0
Timer general register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
0008 8720h
MTU0
Timer general register E
TGRE
16
16
2, 3 PCLKB
2 ICLK
0008 8722h
MTU0
Timer general register F
TGRF
16
16
2, 3 PCLKB
2 ICLK
0008 8724h
MTU0
Timer interrupt enable register2
TIER2
8
8
2, 3 PCLKB
2 ICLK
0008 8726h
MTU0
Timer buffer operation transfer mode register
TBTM
8
8
2, 3 PCLKB
2 ICLK
0008 8780h
MTU1
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8781h
MTU1
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8782h
MTU1
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8784h
MTU1
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8785h
MTU1
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8786h
MTU1
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8788h
MTU1
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 878Ah
MTU1
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 8790h
MTU1
Timer input capture control register
TICCR
8
8
2, 3 PCLKB
2 ICLK
0008 8800h
MTU2
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
0008 8801h
MTU2
Timer mode register
TMDR
8
8
2, 3 PCLKB
2 ICLK
0008 8802h
MTU2
Timer I/O control register
TIOR
8
8
2, 3 PCLKB
2 ICLK
0008 8804h
MTU2
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 8805h
MTU2
Timer status register
TSR
8
8
2, 3 PCLKB
2 ICLK
0008 8806h
MTU2
Timer counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
0008 8808h
MTU2
Timer general register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
0008 880Ah
MTU2
Timer general register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
0008 8880h
MTU5
Timer counter U
TCNTU
16
16
2, 3 PCLKB
2 ICLK
0008 8882h
MTU5
Timer general register U
TGRU
16
16
2, 3 PCLKB
2 ICLK
0008 8884h
MTU5
Timer control register U
TCRU
8
8
2, 3 PCLKB
2 ICLK
0008 8886h
MTU5
Timer I/O control register U
TIORU
8
8
2, 3 PCLKB
2 ICLK
0008 8890h
MTU5
Timer counter V
TCNTV
16
16
2, 3 PCLKB
2 ICLK
0008 8892h
MTU5
Timer general register V
TGRV
16
16
2, 3 PCLKB
2 ICLK
0008 8894h
MTU5
Timer control register V
TCRV
8
8
2, 3 PCLKB
2 ICLK
0008 8896h
MTU5
Timer I/O control register V
TIORV
8
8
2, 3 PCLKB
2 ICLK
0008 88A0h
MTU5
Timer counter W
TCNTW
16
16
2, 3 PCLKB
2 ICLK
0008 88A2h
MTU5
Timer general register W
TGRW
16
16
2, 3 PCLKB
2 ICLK
0008 88A4h
MTU5
Timer control register W
TCRW
8
8
2, 3 PCLKB
2 ICLK
0008 88A6h
MTU5
Timer I/O control register W
TIORW
8
8
2, 3 PCLKB
2 ICLK
0008 88B2h
MTU5
Timer interrupt enable register
TIER
8
8
2, 3 PCLKB
2 ICLK
0008 88B4h
MTU5
Timer start register
TSTR
8
8
2, 3 PCLKB
2 ICLK
0008 88B6h
MTU5
Timer compare match clear register
TCNTCMPCLR
8
8
2, 3 PCLKB
2 ICLK
0008 8900h
POE
Input level control/status register 1
ICSR1
16
16
2, 3 PCLKB
2 ICLK
0008 8902h
POE
Output level control/status register 1
OCSR1
16
16
2, 3 PCLKB
2 ICLK
0008 8908h
POE
Input level control/status register 2
ICSR2
16
16
2, 3 PCLKB
2 ICLK
0008 890Ah
POE
Software port output enable register
SPOER
8
8
2, 3 PCLKB
2 ICLK
0008 890Bh
POE
Port output enable control register 1
POECR1
8
8
2, 3 PCLKB
2 ICLK
0008 890Ch
POE
Port output enable control register 2
POECR2
8
8
2, 3 PCLKB
2 ICLK
0008 890Eh
POE
Input level control/status register 3
ICSR3
16
16
2, 3 PCLKB
2 ICLK
0008 9000h
S12AD
A/D control register
ADCSR
8
8
2, 3 PCLKB
2 ICLK
0008 9004h
S12AD
A/D channel select register 0
ADANS0
16
16
2, 3 PCLKB
2 ICLK
0008 9006h
S12AD
A/D channel select register 1
ADANS1
16
16
2, 3 PCLKB
2 ICLK
0008 9008h
S12AD
A/D-converted value addition mode select
register 0
ADADS0
16
16
2, 3 PCLKB
2 ICLK
0008 900Ah
S12AD
A/D-converted value addition mode select
register 1
ADADS1
16
16
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (21/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com