| Electronic Components Datasheet Search |
|
R5F5630ECDFB Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5630ECDFB Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 165 page ![]() R01DS0060EJ0100 Rev.1.00 Page 15 of 168 Sep 13, 2011 RX630 Group 1. Overview Serial peripheral interface RSPCKA, RSPCKB RSPCKC I/O Clock input/output pin. MOSIA, MOSIB, MOSIC I/O Inputs or outputs data output from the master. MISOA, MISOB, MISOC I/O Inputs or outputs data output from the slave. SSLA0, SSLB0, SSLC0 I/O Input or output pins for slave selection SSLA1 to SSLA3 SSLB1 to SSLB3 SSLC1 to SSLC3 Output Output pins for slave selection IEBus controller IERXD Input Input pin for data reception. IETXD Output Output pin for data transmission. Realtime clock RTCOUT Output Output pin for 1-Hz clock. RTCIC0 to RTCIC2 Input Time capture event input pin 12-bit A/D converter AN000 to AN020 Input Input pins for the analog signals to be processed by the A/D converter. ADTRG0# Input Input pins for the external trigger signals that start the A/D conversion. 10-bit A/D converter AN0 to AN7 Input Input pins for the analog signals to be processed by the A/D converter. ANEX0 Output Extended analog output pin ANEX1 Input Extended analog input pin ADTRG# Input Input pins for the external trigger signals that start the A/D conversion. D/A converter DA0, DA1 Output Output pins for the analog signals to be processed by the D/A converter. Analog power supply AVCC0 Input Analog voltage supply pin for the 12-bit A/D converter. Connect this pin to VCC if the 12-bit A/D converter is not to be used. AVSS0 Input Analog ground pin for the 12-bit A/D converter. Connect this pin to VSS if the 12-bit A/D converter is not to be used. VREFH0 Input Analog reference voltage supply pin for the 12-bit A/D converter. Connect this pin to VCC if the 12-bit A/D converter is not to be used. VREFL0 Input Analog reference ground pin for the 12-bit A/D converter. Connect this pin to VSS if the 12-bit A/D converter is not to be used. VREFH Input Reference voltage input pin for the 10-bit A/D converter and D/A converter. This is used as the analog power supply for the respective modules. Connect this pin to VCC if neither the 10-bit A/ D converter nor the D/A converter is in use. VREFL Input Reference ground pin for the 10-bit A/D converter and D/A converter. This is used as the analog ground for the respective modules. Set this pin to the same potential as the VSS pin. Table 1.4 Pin Functions (4/5) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |