Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R5F5630ECDFB Datasheet HTML 94Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 95Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 96Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 97Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 98Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 99Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 100Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 101Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 98 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
0008 900Ch
S12AD
A/D-converted value addition count select
register
ADADC
8
8
2, 3 PCLKB
2 ICLK
0008 900Eh
S12AD
A/D control extended register
ADCER
16
16
2, 3 PCLKB
2 ICLK
0008 9010h
S12AD
A/D start trigger select register
ADSTRGR
8
8
2, 3 PCLKB
2 ICLK
0008 9012h
S12AD
A/D-converted extended input control register
ADEXICR
16
16
2, 3 PCLKB
2 ICLK
0008 901Ah
S12AD
A/D temperature sensor data register
ADTSDR
16
16
2, 3 PCLKB
2 ICLK
0008 901Ch
S12AD
A/D internal reference voltage data register
ADOCDR
16
16
2, 3 PCLKB
2 ICLK
0008 9020h
S12AD
A/D data register 0
ADDR0
16
16
2, 3 PCLKB
2 ICLK
0008 9022h
S12AD
A/D data register 1
ADDR1
16
16
2, 3 PCLKB
2 ICLK
0008 9024h
S12AD
A/D data register 2
ADDR2
16
16
2, 3 PCLKB
2 ICLK
0008 9026h
S12AD
A/D data register 3
ADDR3
16
16
2, 3 PCLKB
2 ICLK
0008 9028h
S12AD
A/D data register 4
ADDR4
16
16
2, 3 PCLKB
2 ICLK
0008 902Ah
S12AD
A/D data register 5
ADDR5
16
16
2, 3 PCLKB
2 ICLK
0008 902Ch
S12AD
A/D data register 6
ADDR6
16
16
2, 3 PCLKB
2 ICLK
0008 902Eh
S12AD
A/D data register 7
ADDR7
16
16
2, 3 PCLKB
2 ICLK
0008 9030h
S12AD
A/D data register 8
ADDR8
16
16
2, 3 PCLKB
2 ICLK
0008 9032h
S12AD
A/D data register 9
ADDR9
16
16
2, 3 PCLKB
2 ICLK
0008 9034h
S12AD
A/D data register 10
ADDR10
16
16
2, 3 PCLKB
2 ICLK
0008 9036h
S12AD
A/D data register 11
ADDR11
16
16
2, 3 PCLKB
2 ICLK
0008 9038h
S12AD
A/D data register 12
ADDR12
16
16
2, 3 PCLKB
2 ICLK
0008 903Ah
S12AD
A/D data register 13
ADDR13
16
16
2, 3 PCLKB
2 ICLK
0008 903Ch
S12AD
A/D data register 14
ADDR14
16
16
2, 3 PCLKB
2 ICLK
0008 903Eh
S12AD
A/D data register 15
ADDR15
16
16
2, 3 PCLKB
2 ICLK
0008 9040h
S12AD
A/D data register 16
ADDR16
16
16
2, 3 PCLKB
2 ICLK
0008 9042h
S12AD
A/D data register 17
ADDR17
16
16
2, 3 PCLKB
2 ICLK
0008 9044h
S12AD
A/D data register 18
ADDR18
16
16
2, 3 PCLKB
2 ICLK
0008 9046h
S12AD
A/D data register 19
ADDR19
16
16
2, 3 PCLKB
2 ICLK
0008 9048h
S12AD
A/D data register 20
ADDR20
16
16
2, 3 PCLKB
2 ICLK
0008 9060h
S12AD
A/D sampling state register 01
ADSSTR01
16
16
2, 3 PCLKB
2 ICLK
0008 9070h
S12AD
A/D sampling state register 23
ADSSTR23
16
16
2, 3 PCLKB
2 ICLK
0008 9800h
AD
A/D data register A
ADDRA
16
16
2, 3 PCLKB
2 ICLK
0008 9802h
AD
A/D data register B
ADDRB
16
16
2, 3 PCLKB
2 ICLK
0008 9804h
AD
A/D data register C
ADDRC
16
16
2, 3 PCLKB
2 ICLK
0008 9806h
AD
A/D data register D
ADDRD
16
16
2, 3 PCLKB
2 ICLK
0008 9808h
AD
A/D data register E
ADDRE
16
16
2, 3 PCLKB
2 ICLK
0008 980Ah
AD
A/D data register F
ADDRF
16
16
2, 3 PCLKB
2 ICLK
0008 980Ch
AD
A/D data register G
ADDRG
16
16
2, 3 PCLKB
2 ICLK
0008 980Eh
AD
A/D data register H
ADDRH
16
16
2, 3 PCLKB
2 ICLK
0008 9810h
AD
A/D control/status register
ADCSR
8
8
2, 3 PCLKB
2 ICLK
0008 9811h
AD
A/D control register
ADCR
8
8
2, 3 PCLKB
2 ICLK
0008 9812h
AD
A/D control register 2
ADCR2
8
8
2, 3 PCLKB
2 ICLK
0008 9813h
AD
A/D sampling state register
ADSSTR
8
8
2, 3 PCLKB
2 ICLK
0008 981Fh
AD
A/D self-diagnostic register
ADDIAGR
8
8
2, 3 PCLKB
2 ICLK
0008 A000h
SCI0
Serial mode register
SMR
8
8
2, 3 PCLKB
2 ICLK
0008 A001h
SCI0
Bit rate register
BRR
8
8
2, 3 PCLKB
2 ICLK
0008 A002h
SCI0
Serial control register
SCR
8
8
2, 3 PCLKB
2 ICLK
0008 A003h
SCI0
Transmit data register
TDR
8
8
2, 3 PCLKB
2 ICLK
0008 A004h
SCI0
Serial status register
SSR
8
8
2, 3 PCLKB
2 ICLK
0008 A005h
SCI0
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
0008 A006h
SCI0
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (22/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com