| Electronic Components Datasheet Search |
|
R5F5630ECDFB Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5630ECDFB Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 165 page ![]() R01DS0060EJ0100 Rev.1.00 Page 14 of 168 Sep 13, 2011 RX630 Group 1. Overview Serial communications interface (SCIc) Asynchronous mode/clock synchronous mode SCK0 to SCK11 I/O Input/output pins for clock signals. RXD0 to RXD11 Input Input pins for data reception. TXD0 to TXD11 Output Output pins for data transmission. CTS0# to CTS11# Input Transfer start control input pins RTS0# to RTS11# Output Transfer start control output pins Simple I2C mode SSCL0 to SSCL11 I/O Input/output pins for the I2C clock SSDA0 to SSDA11 I/O Input/output pins for the I2C data Simple SPI mode SCK0 to SCK11 I/O Input/output pins for the clock SMISO0 to SMISO11 I/O Input/output pins for slave transmit data. SMOSI0 to SMOSI11 I/O Input/output pins for master transmit data. SS0# to SS11# Input Input pins for chip select signals Serial communications interface (SCId) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for clock signals. RXD12 Input Input pin for data reception. TXD12 Output Output pin for data transmission. CTS12# Input Transfer start control input pins RTS12# Output Transfer start control output pins Simple I2C mode SSCL12 I/O Input/output pins for the I2C clock SSDA12 I/O Input/output pins for the I2C data Simple SPI mode SCK12 I/O Input/output pins for the clock SMISO12 I/O Input/output pins for slave transmit data. SMOSI12 I/O Input/output pins for master transmit data. SS12# Input Input pins for chip select signals Extended serial mode RXDX12 Input Input pin for receive data TXDX12 Output Output pin for transmit data SIOX12 I/O Input/output pin for transfer data I2C bus interface SCL0[FM+], SCL1 to SCL3 I/O Input/output pin for clocks. Bus can be directly driven by the N- channel open drain. SDA0[FM+], SDA1 to SDA3 I/O Input/output pin for data. Bus can be directly driven by the N- channel open drain. USB 2.0 function module VCC_USB Input Power supply pin VSS_USB Input Ground pin USB0_DP I/O Inputs or outputs D+ data for the USB bus USB0_DM I/O Inputs or outputs D- data for the USB bus. USB0_DPUPE Output Pull-up pin. USB0_VBUS Input Input pin for detection of connection and disconnection of the USB cable. CAN module CRX0 to CRX2 Input Input pin. CTX0 to CTX2 Output Output pin. Table 1.4 Pin Functions (3/5) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |