Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5630ECDFB Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # R5F5630ECDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ECDFB Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button R5F5630ECDFB Datasheet HTML 134Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 135Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 136Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 137Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 138Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 139Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 140Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 141Page - Renesas Technology Corp R5F5630ECDFB Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 138 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
Note 1. tPcyc: PCLK cycle
Table 5.17
Timing of On-Chip Peripheral Modules (3)
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
PCLK = 8 to 50 MHz
Ta = Topr
High drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit*1
Test Conditions
Simple
SPI
SCK clock cycle output (master)
tSPcyc
4
65536
tPcyc
Figure 5.32
SCK clock cycle input (slave)
8
65536
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise/fall time
tSPCKr, tSPCKf
—20
ns
Data input setup time
tSU
40
—
ns
Figure 5.33 to
Figure 5.36
Data input hold time
tH
40
—
ns
SS input setup time
tLEAD
1—
tSPcyc
SS input hold time
tLAG
1—
tSPcyc
Data output delay time
tOD
—40
ns
Data output hold time
tOH
10
—
ns
Data rise/fall time
tDr, tDf
—20
ns
SS input rise/fall time
tSSLr, tSSLf
—20
ns
Save access time
tSA
—5
tPcyc
Figure 5.35 and
Figure 5.36
Slave output release time
tREL
—5
tPcyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com