Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM351-RTR Datasheet(PDF) 116 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 116 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 112Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 113Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 114Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 115Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 116Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 117Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 118Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 119Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 120Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 240 page
background image
EM351 / EM357
SCx_RXCNTA
SC1_RXCNTA
Receive DMA Count Register A
Address: 0x4000C820 Reset: 0x0
SC2_RXCNTA
Receive DMA Count Register A
Address: 0x4000C020 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
SC_RXCNTA
7
6
5
4
3
2
1
0
SC_RXCNTA
Bitname
Bitfield
Access
Description
SC_RXCNTA
[13:0]
RW
The offset from the start of DMA receive buffer A at which the next byte will be written.
This register is set to zero when the buffer is loaded and when the DMA is reset. If this
register is written when the buffer is not loaded, the buffer is loaded.
8-45
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com