Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544ECVTALF Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MPC8544ECVTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544ECVTALF Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPC8544ECVTALF Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
97
Clocking
19.5
Security Controller PLL Ratio
Table 67 shows the SEC frequency ratio.
19.6
Frequency Options
19.6.1
SYSCLK to Platform Frequency Options
Table 68 shows the expected frequency values for the platform frequency when using a CCB clock to
SYSCLK ratio in comparison to the memory bus clock speed.
Table 67. SEC Frequency Ratio
Signal Name
Value (Binary)
CCB CLK:SEC CLK
LWE_B
0
2:11
13:12
Notes:
1. In 2:1 mode the CCB frequency must be operating <= 400 MHz.
2. In 3:1 mode any valid CCB can be used. The 3:1 mode is the default
ratio for security block.
Table 68. Frequency Options of SYSCLK with Respect to Memory Bus Speeds
CCB to SYSCLK
Ratio
SYSCLK (MHz)
33.33
41.66
66.66
83
100
111
133.33
Platform /CCB Frequency (MHz)
2
—
3
—333
400
4
—
333
400
445
533
5
333
415
500
6
400
500
8
333
533
9
375
10
333
417
12
400
500
16
533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com