Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544ECVTALF Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8544ECVTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544ECVTALF Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8544ECVTALF Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8544ECVTALF Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
61
I
2C
Figure 38 provides the AC test load for the I2C.
Figure 38. I2C AC Test Load
Figure 39 shows the AC timing diagram for the I2C bus.
Figure 39. I2C Bus AC Timing Diagram
Noise margin at the HIGH level for each connected
device (including hysteresis)
VNH
0.2
× OVDD
—V
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tI2DVKH symbolizes I
2C timing (I2)
with respect to the time data input signals (D) reach the valid state (V) relative to the tI2C clock reference (K) going to the high
(H) state or setup time. Also, tI2SXKL symbolizes I
2C timing (I2) for the time that the data with respect to the start condition
(S) went invalid (X) relative to the tI2C clock reference (K) going to the low (L) state or hold time. Also, tI2PVKH symbolizes I
2C
timing (I2) for the time that the data with respect to the stop condition (P) reaching the valid state (V) relative to the tI2C clock
reference (K) going to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate
letter: R (rise) or F (fall).
2. The MPC8544E provides a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge
the undefined region of the falling edge of SCL.
3. The maximum tI2DXKL has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal.
4. CB = capacitance of one bus line in pF.
Table 52. I2C AC Electrical Specifications (continued)
All values refer to VIH (min) and VIL (max) levels (see Table 51).
Parameter
Symbol1
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Sr
S
SDA
SCL
tI2CF
tI2SXKL
tI2CL
tI2CH
tI2DXKL,tI2OXKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
tI2CR
tI2CF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com